Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4918A Datasheet (PDF) - Alpha & Omega Semiconductors

AO4918A Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4918A
Download  AO4918A Download
File Size   151.58 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor

AO4918A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4918A Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4918A
Download  AO4918A Click to download

File Size   151.58 Kbytes
Page   8 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor

AO4918A Datasheet (HTML) - Alpha & Omega Semiconductors


AO4918A Product details

General Description
The AO4918A uses advanced trench technology to provide excellent RDS(ON) and low gate charge. The two MOSFETs make a compact and efficient switch and synchronous rectifier combination for use in DCDC converters. A Schottky diode is co-packaged in parallel with the synchronous MOSFET to boost efficiency further.AO4918A is Pb-free (meets ROHS & Sony 259 specifications). AO4918AL is a Green Product ordering option. AO4918A and AO4918AL are electrically identical.

Features
    Q1                                       Q2
    VDS (V) = 30V                    VDS(V) = 30V
    ID = 9.3A                             ID=8.5A
    RDS(ON) < 14.5mΩ            <18mΩ (VGS = 10V)
    RDS(ON) < 16mΩ               <27mΩ (VGS = 4.5V)

SCHOTTKY
    VDS (V) = 30V, IF = 3A, VF<0.5V@1A




Similar Part No. - AO4918A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4918 AOSMD-AO4918 Datasheet
151Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4918 KEXIN-AO4918 Datasheet
2Mb / 7P
Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4918L AOSMD-AO4918L Datasheet
151Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO4918A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4918 AOSMD-AO4918 Datasheet
151Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4F800 AOSMD-AO4F800 Datasheet
141Kb / 7P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4922 AOSMD-AO4922 Datasheet
165Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4930 AOSMD-AO4930 Datasheet
697Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4940 AOSMD-AO4940 Datasheet
498Kb / 6P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com