Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6701 Datasheet (PDF) - Alpha & Omega Semiconductors

AO6701 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO6701
Download  AO6701 Download
File Size   164.68 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO6701 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6701 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO6701
Download  AO6701 Click to download

File Size   164.68 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO6701 Datasheet (HTML) - Alpha & Omega Semiconductors


AO6701 Product details

General Description
The AO6701 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. A Schottky diode is provided to facilitate the implementation of a bidirectional blocking switch, or for DC-DC conversion applications. Standard Product AO6701 is Pb-free (meets ROHS & Sony 259 specifications). AO6701L is a Green Product ordering option. AO6701 and AO6701L are electrically identical.

Features
   VDS (V) = -30V
   ID = -2.3A (VGS = -10V)
   RDS(ON) < 135mΩ (VGS = -10V)
   RDS(ON) < 185mΩ (VGS = -4.5V)
   RDS(ON) < 265mΩ (VGS = -2.5V)

SCHOTTKY
   VDS (V) = 20V, IF = 1A, VF<0.5V@0.5A




Similar Part No. - AO6701

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6700 AOSMD-AO6700 Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6700L AOSMD-AO6700L Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6702 AOSMD-AO6702 Datasheet
119Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6702L AOSMD-AO6702L Datasheet
119Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6704 AOSMD-AO6704 Datasheet
170Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Similar Description - AO6701

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4701 AOSMD-AO4701 Datasheet
307Kb / 8P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
List of Unclassifed Man...
AO8701 ETC-AO8701 Datasheet
125Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
Alpha & Omega Semicondu...
AO4709 AOSMD-AO4709 Datasheet
198Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3703 AOSMD-AO3703 Datasheet
112Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4703 AOSMD-AON4703 Datasheet
165Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AON4701 AOSMD-AON4701 Datasheet
175Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com