Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6700 Datasheet (PDF) - Alpha & Omega Semiconductors

AO6700 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO6700
Download  AO6700 Download
File Size   112.19 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO6700 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6700 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO6700
Download  AO6700 Click to download

File Size   112.19 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO6700 Datasheet (HTML) - Alpha & Omega Semiconductors


AO6700 Product details

General Description
The AO6700 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. A Schottky diode is provided to facilitate the implementation of a bidirectional blocking switch, or for DC-DC conversion applications. Standard Product AO6700 is Pb-free (meets ROHS & Sony 259 specifications). AO6700L is a Green Product ordering option. AO6700 and AO6700L are electrically identical.

Features
   VDS (V) = 20V
   ID = 4.1A (VGS = 4.5V)
   RDS(ON) < 50mΩ (VGS = 4.5V)
   RDS(ON) < 65mΩ (VGS = 2.5V)
   RDS(ON) < 95mΩ (VGS = 1.8V)

SCHOTTKY
   VDS (V) = 20V, IF = 1A, VF<0.5V@0.5A




Similar Part No. - AO6700

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6701 AOSMD-AO6701 Datasheet
164Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6701L AOSMD-AO6701L Datasheet
164Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6702 AOSMD-AO6702 Datasheet
119Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6702L AOSMD-AO6702L Datasheet
119Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6704 AOSMD-AO6704 Datasheet
170Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results


Similar Description - AO6700

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6702 AOSMD-AO6702 Datasheet
119Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6704 AOSMD-AO6704 Datasheet
170Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4700 AOSMD-AO4700 Datasheet
166Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4702 AOSMD-AO4702 Datasheet
112Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4704 AOSMD-AO4704 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3700 AOSMD-AO3700 Datasheet
125Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA1310S VBSEMI-VBA1310S Datasheet
686Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
VB3222A VBSEMI-VB3222A Datasheet
567Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com