Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4704 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4704 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4704
Download  AO4704 Download
File Size   160.21 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO4704 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4704 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4704
Download  AO4704 Click to download

File Size   160.21 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode

AO4704 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4704 Product details

General Description
The AO4704 uses advanced trench technology to provide excellent RDS(ON), shoot-through immunity and body diode characteristics.This device is suitable for use as a synchronous switch in PWM applications. The co-packaged Schottky Diode boosts efficiency further. AO4704 is Pb-free (meets ROHS & Sony 259 specifications). AO4704L is a Green Product ordering option. AO4704 and AO4704L are electrically identical.

Features
   VDS (V) = 30V
   ID = 13 A (VGS = 10V)
   RDS(ON) < 11.5mΩ (VGS = 10V)
   RDS(ON) < 13mΩ (VGS = 4.5V)

SCHOTTKY
   VDS (V) = 30V, IF = 3A, VF<0.5V@1A




Similar Part No. - AO4704

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4704 KEXIN-AO4704 Datasheet
1Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO4704

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6700 AOSMD-AO6700 Datasheet
112Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6702 AOSMD-AO6702 Datasheet
119Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO6704 AOSMD-AO6704 Datasheet
170Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4700 AOSMD-AO4700 Datasheet
166Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO4702 AOSMD-AO4702 Datasheet
112Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
AO3700 AOSMD-AO3700 Datasheet
125Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
logo
VBsemi Electronics Co.,...
VBA1310S VBSEMI-VBA1310S Datasheet
686Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
VB3222A VBSEMI-VB3222A Datasheet
567Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com