Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4440 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4440 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4440
Download  AO4440 Download
File Size   115.06 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AO4440 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4440 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4440
Download  AO4440 Click to download

File Size   115.06 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel Enhancement Mode Field Effect Transistor

AO4440 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4440 Product details

General Description
The AO4440 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications. Standard Product AO4440 is Pb-free (meets ROHS & Sony 259 specifications). AO4440L is a Green Product ordering option. AO4440 and AO4440L are electrically identical
   
Features
    VDS (V) = 60V
    ID = 5A (VGS = 10V)
    RDS(ON) < 55mΩ (VGS = 10V)
    RDS(ON) < 75mΩ (VGS = 4.5V)
   




Similar Part No. - AO4440

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440 Datasheet
172Kb / 4P
60V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4440 WHXPCB-AO4440 Datasheet
1Mb / 4P
60V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4440 KEXIN-AO4440 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4440 DOINGTER-AO4440 Datasheet
582Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4440-HF KEXIN-AO4440-HF Datasheet
1Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO4440

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com