Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4440 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4440 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4440
Download  AO4440 Download
File Size   1699.2 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 60V N-Channel MOSFET

AO4440 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4440 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4440
Download  AO4440 Click to download

File Size   1699.2 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 60V N-Channel MOSFET

AO4440 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4440 Product details

General Description
The AO4440 uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This device is suitable for use as a load switch or in PWM applications.
   
Product Summary
    VDS (V) = 60V
    ID = 5A (VGS = 10V)
    RDS(ON) < 55mΩ (VGS = 10V)
    RDS(ON) < 75mΩ (VGS = 4.5V)
   
    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4440

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440 Datasheet
115Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
AO4440 AOSMD-AO4440 Datasheet
172Kb / 4P
60V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4440 KEXIN-AO4440 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4440 DOINGTER-AO4440 Datasheet
582Kb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
AO4440-HF KEXIN-AO4440-HF Datasheet
1Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO4440

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com