Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS74117AX Datasheet (PDF) - GSI Technology

GS74117AX Datasheet PDF - GSI Technology
Part # GS74117AX
Download  GS74117AX Download
File Size   348.36 Kbytes
Page   12 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 256K x 16 4Mb Asynchronous SRAM

GS74117AX Datasheet (PDF)

Go To PDF Page Download Datasheet
GS74117AX Datasheet PDF - GSI Technology

Part # GS74117AX
Download  GS74117AX Click to download

File Size   348.36 Kbytes
Page   12 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 256K x 16 4Mb Asynchronous SRAM

GS74117AX Datasheet (HTML) - GSI Technology


GS74117AX Product details

Description
The GS74117A is a high speed CMOS Static RAM organized as 262,144 words by 16 bits. Static design eliminates the need for external clocks or timing strobes. The GS operates on a single 3.3 V power supply and all inputs and outputs are TTL-compatible. The GS74117A is available in a 6 x 10 mm Fine Pitch BGA package.

Features
• Fast access time: 7, 8, 10, 12 ns
• CMOS low power operation: 150/130/105/95 mA at minimum cycle time
• Single 3.3 V power supply
• All inputs and outputs are TTL-compatible
• Byte control
• Fully static operation
• Industrial Temperature Option: –40° to 85°C
• Package:
    X: 6 mm x 10 mm Fine Pitch Ball Grid Array package




Similar Part No. - GS74117AX

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10I GSI-GS74116AGP-10I Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
More results


Similar Description - GS74117AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
256K x 16 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
1M x 4 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
512K x 8 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
256K x 16 4Mb Asynchronous SRAM
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com