Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS74117AX Datasheet(PDF) 7 Page - GSI Technology

Part # GS74117AX
Description  256K x 16 4Mb Asynchronous SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74117AX Datasheet(HTML) 7 Page - GSI Technology

Back Button GS74117AX Datasheet HTML 3Page - GSI Technology GS74117AX Datasheet HTML 4Page - GSI Technology GS74117AX Datasheet HTML 5Page - GSI Technology GS74117AX Datasheet HTML 6Page - GSI Technology GS74117AX Datasheet HTML 7Page - GSI Technology GS74117AX Datasheet HTML 8Page - GSI Technology GS74117AX Datasheet HTML 9Page - GSI Technology GS74117AX Datasheet HTML 10Page - GSI Technology GS74117AX Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev: 1.02 10/2002
7/12
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS74117AX
Read Cycle 2: WE = VIH
* These parameters are sampled and are not 100% tested.
Write Cycle
Parameter
Symbol
-7
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
7
—
8
—
10
—
12
—
ns
Address valid to end of write
tAW
5
—
5.5
—
7
—
8
—
ns
Chip enable to end of write
tCW
5
—
5.5
—
7
—
8
—
ns
Byte enable to end of write
tBW
5
—
5.5
—
7
—
8
—
ns
Data set up time
tDW
3.5
—
4
—
4.5
—
6
—
ns
Data hold time
tDH
0
—
0
—
0
—
0
—
ns
Write pulse width
tWP
5
—
5.5
—
7
—
8
—
ns
Address set up time
tAS
0
—
0
—
0
—
0
—
ns
Write recovery time (WE)
tWR
0—0—0—0
—
ns
Write recovery time (CE)
tWR1
0
—0—0—0—
ns
Output Low Z from end of write
tWLZ*
3—3—3—3
—
ns
Write to output in High Z
tWHZ*
—3—
3.5
—4—5
ns
tAA
tRC
Address
tAC
tLZ
tAB
tBLZ
tOE
tOLZ
CE
UB, LB
OE
Data Out
tHZ
tBHZ
tOHZ
Data valid
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com