Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBV3700 Datasheet (PDF) - Pan Jit International Inc.

MMBV3700 Datasheet PDF - Pan Jit International Inc.
Part # MMBV3700
Download  MMBV3700 Download
File Size   92.71 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT PIN DIODE

MMBV3700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBV3700 Datasheet PDF - Pan Jit International Inc.

Part # MMBV3700
Download  MMBV3700 Click to download

File Size   92.71 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT PIN DIODE

MMBV3700 Datasheet (HTML) - Pan Jit International Inc.


MMBV3700 Product details

VOLTAGE 200 Volts POWER 200 mW

FEATURES
• High reverse breakdown voltage (200V min)
• Very low series resistance at 100MHz (0.7Ω typical@ IF=10mA)
• Long minority carrier lifetime (Trr=300ns typical)
• Low capacitance (0.5 pF typical @VR=20V)
• Surface mount package ideally suited for autmatic insertion
• Pb free product are available : 99% Sn above can meet
   RoHS environment substance directive request

MECHANICAL DATA
   Case: SOT-23, Plastic
   Terminals: Solderable per MIL-STD-750, Method 2026
   Approx. Weight: 0.008 gram




Similar Part No. - MMBV3700

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
Silicon Pin Diode
logo
ON Semiconductor
MMBV3700LT1 ONSEMI-MMBV3700LT1 Datasheet
53Kb / 8P
High Voltage Silicon Pin Diodes
November, 2001 ??Rev. 2
MMBV3700LT1 ONSEMI-MMBV3700LT1 Datasheet
59Kb / 4P
High Voltage Silicon Pin Diodes
January, 2006 ??Rev. 3
MMBV3700LT1G ONSEMI-MMBV3700LT1G Datasheet
121Kb / 3P
High Voltage Silicon Pin Diodes
August, 2009 ??Rev. 5
MMBV3700LT1G ONSEMI-MMBV3700LT1G Datasheet
59Kb / 4P
High Voltage Silicon Pin Diodes
January, 2006 ??Rev. 3
More results


Similar Description - MMBV3700

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390 Datasheet
95Kb / 3P
SURFACE MOUNT PIN DIODE
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
SURFACE MOUNT PIN DIODE
MMVL3401TS PANJIT-MMVL3401TS Datasheet
95Kb / 3P
SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
SURFACE MOUNT PIN DIODE
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
Surface-Mount PIN Diode
August 9, 2013
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
Surface Mount PIN Diode
June 18, 2013
SMP1371-087LF SKYWORKS-SMP1371-087LF Datasheet
310Kb / 7P
Surface Mount PIN Diode
May 31, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com