Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMVL3401TS Datasheet (PDF) - Pan Jit International Inc.

MMVL3401TS Datasheet PDF - Pan Jit International Inc.
Part # MMVL3401TS
Download  MMVL3401TS Download
File Size   95.56 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT PIN DIODE

MMVL3401TS Datasheet (PDF)

Go To PDF Page Download Datasheet
MMVL3401TS Datasheet PDF - Pan Jit International Inc.

Part # MMVL3401TS
Download  MMVL3401TS Click to download

File Size   95.56 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT PIN DIODE

MMVL3401TS Datasheet (HTML) - Pan Jit International Inc.


MMVL3401TS Product details

VOLTAGE 35 Volts POWER 200 mW

FEATURES
   Very low series resistance at 100MHz (0.45 Ω typical@IF=10mA)
   Low capacitance (0.8pF typical@VR=20V)
   Surface mount package ideally suited for automatic insertion
   Pb free product are available : 99% Sn above can meet RoHS
   environment substance directive request

MECHANICAL DATA
   Case: SOD-523 plastic
   Terminals : Solderable per MIL-STD-750,Method 2026
   Approx Weight: 0.008 grams
   Device Marking : 34




Similar Part No. - MMVL3401TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMVL3401T-12K PANJIT-MMVL3401T-12K Datasheet
71Kb / 3P
SURFACE MOUNT PIN DIODE
MMVL3401T-5K PANJIT-MMVL3401T-5K Datasheet
71Kb / 3P
SURFACE MOUNT PIN DIODE
logo
Leshan Radio Company
MMVL3401T1 LRC-MMVL3401T1 Datasheet
76Kb / 2P
Silicon Pin Diode
logo
ON Semiconductor
MMVL3401T1 ONSEMI-MMVL3401T1 Datasheet
33Kb / 4P
Silicon Pin Diode
January, 2000 ??Rev. 1
MMVL3401T1G ONSEMI-MMVL3401T1G Datasheet
87Kb / 3P
Silicon Pin Diode
September, 2010 ??Rev. 4
More results


Similar Description - MMVL3401TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SS356 PANJIT-1SS356 Datasheet
75Kb / 3P
SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390 Datasheet
95Kb / 3P
SURFACE MOUNT PIN DIODE
MMBV3700 PANJIT-MMBV3700 Datasheet
92Kb / 3P
SURFACE MOUNT PIN DIODE
MMVL3401 PANJIT-MMVL3401 Datasheet
71Kb / 3P
SURFACE MOUNT PIN DIODE
MMVL3700 PANJIT-MMVL3700 Datasheet
79Kb / 3P
SURFACE MOUNT PIN DIODE
MMVL3401TG PANJIT-MMVL3401TG Datasheet
96Kb / 3P
SURFACE MOUNT PIN DIODE
1SS390 PANJIT-1SS390_09 Datasheet
101Kb / 3P
SURFACE MOUNT PIN DIODE
logo
Skyworks Solutions Inc.
SMP1302-087LF SKYWORKS-SMP1302-087LF Datasheet
757Kb / 8P
Surface-Mount PIN Diode
August 9, 2013
SMP1345-087LF SKYWORKS-SMP1345-087LF Datasheet
339Kb / 6P
Surface Mount PIN Diode
June 18, 2013
SMP1371-087LF SKYWORKS-SMP1371-087LF Datasheet
310Kb / 7P
Surface Mount PIN Diode
May 31, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com