Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSD05TS Datasheet (PDF) - Pan Jit International Inc.

PJSD05TS Datasheet PDF - Pan Jit International Inc.
Part # PJSD05TS
Download  PJSD05TS Download
File Size   45.76 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS

PJSD05TS Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSD05TS Datasheet PDF - Pan Jit International Inc.

Part # PJSD05TS
Download  PJSD05TS Click to download

File Size   45.76 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS

PJSD05TS Datasheet (HTML) - Pan Jit International Inc.


PJSD05TS Product details

VOLTAGE 3~36 Volt POWER 120 Watt

FEATURES
• 120 Watts peak pules power( tp=8/20μs)
• Small package for use in portable electronics
• Suitable replacement for MLV’S in ESD protection applications
• Low clamping voltage and leakage current
• Lead free in compliance with EU RoHS 2011/65/EU directive

APPLICATIONS
• Case: SOD-523 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx Weight: 0.00005 ounces, 0.0014 grams
• Marking : PJSD03TS : KD
   PJSD05TS : KE
   PJSD07TS : KF
   PJSD08TS : KR
   PJSD12TS : LE
   PJSD15TS : LM
   PJSD24TS : LZ
   PJSD36TS : MP




Similar Part No. - PJSD05TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS PANJIT-PJSD05TS Datasheet
53Kb / 3P
120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD05TS PANJIT-PJSD05TS Datasheet
101Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02-AU_A0_00001 PANJIT-PJSD05TS-02-AU_A0_00001 Datasheet
123Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Similar Description - PJSD05TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05 PANJIT-PJSD05 Datasheet
63Kb / 3P
350W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD03TS PANJIT-PJSD03TS Datasheet
53Kb / 3P
120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG03DBTFC KEC-PG03DBTFC_07 Datasheet
437Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
TVS Diode for ESD Protection in Portable Electronics
PG28CUS23 KEC-PG28CUS23 Datasheet
408Kb / 3P
Low Voltage EPD TVS Diode for ESD Protection in Portable Electronics
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com