Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D3314 Datasheet (PDF) - Data Delay Devices, Inc.

3D3314 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D3314
Download  3D3314 Download
File Size   246.59 Kbytes
Page   5 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC QUAD FIXED DELAY LINE (SERIES 3D3314)

3D3314 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D3314 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D3314
Download  3D3314 Click to download

File Size   246.59 Kbytes
Page   5 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC QUAD FIXED DELAY LINE (SERIES 3D3314)

3D3314 Datasheet (HTML) - Data Delay Devices, Inc.


3D3314 Product details

FUNCTIONAL DESCRIPTION
The 3D3314 device is a small, versatile, quad fixed monolithic delay line. Delay values ranging from 10ns through 400ns may be specified via the device dash number. Each input is reproduced at the corresponding output without inversion, shifted in time as per user selection. The 3D3314 is 3.3V CMOS-compatible and features both rising- and falling-edge accuracy. The device is offered in a standard 14-pin auto-insertable DIP and a space saving surface mount 14-pin SOIC.

FEATURES
• All-silicon, low-power 3.3V CMOS technology
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Low ground bounce noise
• Leading- and trailing-edge accuracy
• Delay range: 10ns through 400ns
• Delay tolerance: 2% or 0.5ns (3.3V, 25C)
• Temperature stability: ±1% typical (0C-70C)
• Vdd stability: ±1% typical (3.0V-3.6V)
• Static Idd: 1.3ma typical
• Minimum input pulse width: 25% of total delay




Similar Part No. - 3D3314

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3323 DATADELAY-3D3323 Datasheet
241Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D3323-10 DATADELAY-3D3323-10 Datasheet
241Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D3323-100 DATADELAY-3D3323-100 Datasheet
241Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D3323-1000 DATADELAY-3D3323-1000 Datasheet
241Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D3323-15 DATADELAY-3D3323-15 Datasheet
241Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
More results


Similar Description - 3D3314

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D7304 DATADELAY-3D7304 Datasheet
39Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7314 DATADELAY-3D7314 Datasheet
253Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE (SERIES 3D7314)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE
3D3323 DATADELAY-3D3323 Datasheet
241Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D3324 DATADELAY-3D3324 Datasheet
243Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7323 DATADELAY-3D7323 Datasheet
256Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D7324 DATADELAY-3D7324 Datasheet
257Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com