Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D7323 Datasheet (PDF) - Data Delay Devices, Inc.

3D7323 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D7323
Download  3D7323 Download
File Size   256.15 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC TRIPLE FIXED DELAY LINE

3D7323 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D7323 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D7323
Download  3D7323 Click to download

File Size   256.15 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC TRIPLE FIXED DELAY LINE

3D7323 Datasheet (HTML) - Data Delay Devices, Inc.


3D7323 Product details

FUNCTIONAL DESCRIPTION
The 3D7323 Triple Delay Line product family consists of fixed-delay CMOS integrated circuits. Each package contains three matched, independent delay lines. Delay values can range from 6ns through 6000ns. The input is reproduced at the output without inversion, shifted in time as per the user-specified dash number. The 3D7323 is TTL- and CMOS-compatible, capable of driving ten 74LS-type loads, and features both rising- and falling-edge accuracy.

FEATURES
• All-silicon, low-power CMOS technology
• TTL/CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Low ground bounce noise
• Leading- and trailing-edge accuracy
• Delay range: 6 through 6000ns
• Delay tolerance: 2% or 1.0ns
• Temperature stability: ±3% typ (-40C to 85C)
• Vdd stability: ±1% typical (4.75V to 5.25V)
• Minimum input pulse width: 20% of total delay
• 14-pin DIP available as drop-in replacement for hybrid delay lines




Similar Part No. - 3D7323

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7324 DATADELAY-3D7324 Datasheet
257Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7324-10 DATADELAY-3D7324-10 Datasheet
257Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7324-100 DATADELAY-3D7324-100 Datasheet
257Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7324-1000 DATADELAY-3D7324-1000 Datasheet
257Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7324-15 DATADELAY-3D7324-15 Datasheet
257Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
More results


Similar Description - 3D7323

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D7304 DATADELAY-3D7304 Datasheet
39Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D3314 DATADELAY-3D3314 Datasheet
246Kb / 5P
MONOLITHIC QUAD FIXED DELAY LINE (SERIES 3D3314)
3D7314 DATADELAY-3D7314 Datasheet
253Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE (SERIES 3D7314)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE
3D3323 DATADELAY-3D3323 Datasheet
241Kb / 4P
MONOLITHIC TRIPLE FIXED DELAY LINE
3D3324 DATADELAY-3D3324 Datasheet
243Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
3D7324 DATADELAY-3D7324 Datasheet
257Kb / 4P
MONOLITHIC QUADRUPLE FIXED DELAY LINE
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com