Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBE26-12NO7 Datasheet (PDF) - IXYS Corporation

VBE26-12NO7 Datasheet PDF - IXYS Corporation
Part # VBE26-12NO7
Download  VBE26-12NO7 Download
File Size   188.46 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description ECO-PAC TM Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODE (FRED)

VBE26-12NO7 Datasheet (PDF)

Go To PDF Page Download Datasheet
VBE26-12NO7 Datasheet PDF - IXYS Corporation

Part # VBE26-12NO7
Download  VBE26-12NO7 Click to download

File Size   188.46 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description ECO-PAC TM Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODE (FRED)

VBE26-12NO7 Datasheet (HTML) - IXYS Corporation


VBE26-12NO7 Product details

IdAV = 32 A
VRRM = 1200 V
trr = 40 ns

Features
• Package with DCB ceramic base plate in low profile
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• Leads suitable for PC board soldering

Applications
• Supplies for DC power equipment
• Input and output rectifiers for high frequency
• Battery DC power supplies
• Field supply for DC motors

Advantages
• Space and weight savings
• Improved temperature and power cycling capability
• Small and light weight
• Low noise switching




Similar Part No. - VBE26-12NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBE26-06NO7 IXYS-VBE26-06NO7 Datasheet
185Kb / 3P
ECO-PAC Single Phase Rectifier Bridge
More results


Similar Description - VBE26-12NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L363 IXYS-L363 Datasheet
315Kb / 2P
ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE22-12NO7 IXYS-VUE22-12NO7 Datasheet
189Kb / 2P
ECO-PAC TM Three Phase Rectifier Bridge
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Powersem GmbH
PSB71F06 POWERSEM-PSB71F06 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
logo
IXYS Corporation
VBE26-06NO7 IXYS-VBE26-06NO7 Datasheet
185Kb / 3P
ECO-PAC Single Phase Rectifier Bridge
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com