Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L363 Datasheet (PDF) - IXYS Corporation

L363 Datasheet PDF - IXYS Corporation
Part # L363
Download  L363 Download
File Size   315.72 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)

L363 Datasheet (PDF)

Go To PDF Page Download Datasheet
L363 Datasheet PDF - IXYS Corporation

Part # L363
Download  L363 Click to download

File Size   315.72 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description ECO-PAC Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODES (FRED)

L363 Datasheet (HTML) - IXYS Corporation


L363 Product details

ECO-PAC™ Single Phase Rectifier Bridge
with Fast Recovery Epitaxial Diodes (FRED)
   
Features
• Package with DCB ceramic
    base plate in low profile
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• Leads suitable for PC board soldering
   
Applications
• Supplies for DC power equipment
• Input and output rectifiers for high
    frequency
• Battery DC power supplies
• Field supply for DC motors
   
Advantages
• Space and weight savings
• Improved temperature and power
    cycling capability
• Small and light weight
• Low noise switching
   




Similar Part No. - L363

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
L36C RENESAS-L36C Datasheet
973Kb / 75P
RENESAS MCU
logo
Delta Electronics, Inc.
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
579Kb / 13P
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
546Kb / 13P
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 12V/4A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
651Kb / 13P
Delphi Series L36SS, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 3.3V/15A out
L36SA05010NRFA DELTA-L36SA05010NRFA Datasheet
638Kb / 13P
Delphi Series L36SA, 2 x 1.6, 50W Family DC/DC Power Module: 18~75V in, 5.0V/10A out
More results


Similar Description - L363

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L566 IXYS-L566 Datasheet
54Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE60-06A IXYS-VBE60-06A Datasheet
41Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-06NO7 IXYS-VBE100-06NO7 Datasheet
53Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE75-12NO7 IXYS-VUE75-12NO7 Datasheet
186Kb / 2P
ECO-PAC Threee Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VUE35-06NO7 IXYS-VUE35-06NO7 Datasheet
186Kb / 2P
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE17-06NO7 IXYS-VBE17-06NO7 Datasheet
189Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE26-12NO7 IXYS-VBE26-12NO7 Datasheet
188Kb / 2P
ECO-PAC TM Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODE (FRED)
VBE20 IXYS-VBE20 Datasheet
61Kb / 1P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
VBE100-12NO7 IXYS-VBE100-12NO7 Datasheet
55Kb / 2P
Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
logo
Powersem GmbH
PSB71F06 POWERSEM-PSB71F06 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com