Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPAW2U4 Datasheet (PDF) - IOGEAR

GPAW2U4 Datasheet PDF - IOGEAR
Part # GPAW2U4
Download  GPAW2U4 Download
File Size   136.96 Kbytes
Page   3 Pages
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR
Description GearPower Dual USB 4.2A (20W) Wall Charger

GPAW2U4 Datasheet (PDF)

Go To PDF Page Download Datasheet
GPAW2U4 Datasheet PDF - IOGEAR

Part # GPAW2U4
Download  GPAW2U4 Click to download

File Size   136.96 Kbytes
Page   3 Pages
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR
Description GearPower Dual USB 4.2A (20W) Wall Charger

GPAW2U4 Datasheet (HTML) - IOGEAR




Similar Part No. - GPAW2U4

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPAWC20W IOGEAR-GPAWC20W Datasheet
147Kb / 3P
GearPower? Compact USBC 20W Charger
GPAWC72W IOGEAR-GPAWC72W Datasheet
149Kb / 2P
USB-C 72W 4-Port Charger[USB-IF]
More results


Similar Description - GPAW2U4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102_08 Datasheet
539Kb / 34P
Dual USB/wall adapter Li-ion battery charger with gas gauge
20-Mar-2008
logo
Linear Technology
LTC4097 LINER-LTC4097 Datasheet
224Kb / 20P
USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
logo
Maxim Integrated Produc...
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Tumbler Technologies + ...
TVW7 TRUMPOWER-TVW7 Datasheet
128Kb / 1P
5~7 Watts Wall Mount Adapters with USB Charger
logo
Linear Technology
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
logo
Tumbler Technologies + ...
TMW7 TRUMPOWER-TMW7_16 Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
logo
IOGEAR
GMPC10K IOGEAR-GMPC10K Datasheet
142Kb / 2P
GearPower USB-C 10,000mAh Mobile Power Station
GPAC2U4 IOGEAR-GPAC2U4 Datasheet
144Kb / 3P
GearPower Dual USB 4.2A Car Charger
GPAWC20W IOGEAR-GPAWC20W Datasheet
147Kb / 3P
GearPower? Compact USBC 20W Charger
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
898Kb / 29P
Dual 3A USB DCP Charger
2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com