Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPAWC72W Datasheet (PDF) - IOGEAR

GPAWC72W Datasheet PDF - IOGEAR
Part # GPAWC72W
Download  GPAWC72W Download
File Size   149.12 Kbytes
Page   2 Pages
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR
Description USB-C 72W 4-Port Charger[USB-IF]

GPAWC72W Datasheet (PDF)

Go To PDF Page Download Datasheet
GPAWC72W Datasheet PDF - IOGEAR

Part # GPAWC72W
Download  GPAWC72W Click to download

File Size   149.12 Kbytes
Page   2 Pages
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR
Description USB-C 72W 4-Port Charger[USB-IF]

GPAWC72W Datasheet (HTML) - IOGEAR




Similar Part No. - GPAWC72W

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPAWC20W IOGEAR-GPAWC20W Datasheet
147Kb / 3P
GearPower? Compact USBC 20W Charger
More results


Similar Description - GPAWC72W

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280-004 TRIPPLITE-U280-004 Datasheet
495Kb / 2P
4-Port USB Charging Station, 5V 6A/30W USB Charger Output
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Maxim Integrated Produc...
MAX14748 MAXIM-MAX14748 Datasheet
1Mb / 71P
USB Type-C Charger
Rev 0; 6/17
logo
Tripp Lite. All Rights ...
U280-C02-30W-K TRIPPLITE-U280-C02-30W-K Datasheet
163Kb / 3P
Dual-Port USB Car Charger - 30W PD Charging, USB-C (18W) & USB-A (12W), USB-C to Lightning Cable, White
logo
Maxim Integrated Produc...
MAX14748 MAXIM-MAX14748_V01 Datasheet
1Mb / 71P
USB Type-C Charger
2019
logo
Tripp Lite. All Rights ...
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
UPB-10K0-2U1C TRIPPLITE-UPB-10K0-2U1C Datasheet
167Kb / 4P
Portable Charger - 2x USB-A, USB-C with PD Charging, 10,050mAh Power Bank, Lithium-Ion, USB-IF, Black
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
CG-4PUC160W COOLGEAR-CG-4PUC160W Datasheet
779Kb / 2P
USB PD Type C 4 Port High Power 160W Charger
Rev 01.200715
CG-PD110C2 COOLGEAR-CG-PD110C2 Datasheet
485Kb / 2P
ChargeIt! Mini 110W Dual Type-C PD Charger 65W USB-C Port & 45W USB-C Port
Rev 05.230320
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com