Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT5491-RG Datasheet (PDF) - Marktech Corporate

MT5491-RG Datasheet PDF - Marktech Corporate
Part # MT5491-RG
Download  MT5491-RG Download
File Size   42.1 Kbytes
Page   2 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech 2 Leaded 5mm Tri−State LEDs

MT5491-RG Datasheet (PDF)

Go To PDF Page Download Datasheet
MT5491-RG Datasheet PDF - Marktech Corporate

Part # MT5491-RG
Download  MT5491-RG Click to download

File Size   42.1 Kbytes
Page   2 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech 2 Leaded 5mm Tri−State LEDs

MT5491-RG Datasheet (HTML) - Marktech Corporate


MT5491-RG Product details

FEATURES
• Bi-color LED lamp
• White diffused lens




Similar Part No. - MT5491-RG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5491-RG MARKTECH-MT5491-RG Datasheet
66Kb / 1P
T-1 3/4 Two Leaded Tri-State LED Lamps
More results


Similar Description - MT5491-RG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1402A-RG MARKTECH-MT1402A-RG Datasheet
41Kb / 1P
Marktech Axial Leaded Lensed Version LEDs
MT2030-RG MARKTECH-MT2030-RG Datasheet
34Kb / 1P
Marktech 2 Leaded 3mm Tri−State LEDs
MT2053-RG MARKTECH-MT2053-RG Datasheet
33Kb / 1P
Marktech Rectangular Bi?묬olor 2 Leaded LEDs
MT4093-HR MARKTECH-MT4093-HR Datasheet
33Kb / 1P
Marktech Low Current 5mm LEDs
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
Marktech Low Current 5mm LEDs
MT6224-AHRG MARKTECH-MT6224-AHRG Datasheet
31Kb / 2P
Marktech 3 Leaded 5mm (CA) Bi−Color LEDs
MT6224-HRG MARKTECH-MT6224-HRG Datasheet
35Kb / 2P
Marktech 3 Leaded 5mm (CC) Bi−Color LEDs
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
Marktech 3 Leaded 10mm Bi−Color LEDs
logo
LUMEX INC.
SSI-LXR5010-38991 LUMEX-SSI-LXR5010-38991 Datasheet
66Kb / 1P
T-5mm TRI-LEADED LED
SSI-LXR5010IY34285 LUMEX-SSI-LXR5010IY34285 Datasheet
67Kb / 1P
T-5mm TRI-LEADED LED INDICATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com