Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT5491-RG Datasheet (PDF) - Marktech Corporate

MT5491-RG Datasheet PDF - Marktech Corporate
Part # MT5491-RG
Download  MT5491-RG Download
File Size   66.54 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description T-1 3/4 Two Leaded Tri-State LED Lamps

MT5491-RG Datasheet (PDF)

Go To PDF Page Download Datasheet
MT5491-RG Datasheet PDF - Marktech Corporate

Part # MT5491-RG
Download  MT5491-RG Click to download

File Size   66.54 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description T-1 3/4 Two Leaded Tri-State LED Lamps

MT5491-RG Datasheet (HTML) - Marktech Corporate


MT5491-RG Product details

FEATURES
• Bi-color LED lamp
• White diffused lens




Similar Part No. - MT5491-RG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5491-RG MARKTECH-MT5491-RG Datasheet
42Kb / 2P
Marktech 2 Leaded 5mm Tri−State LEDs
More results


Similar Description - MT5491-RG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-Q106A FAIRCHILD-HLMP-Q106A Datasheet
251Kb / 4P
SOLID STATE LED LAMPS SUBMINIATURE T-1 3/4 1.9mm
logo
Marktech Corporate
MT2001-HRG MARKTECH-MT2001-HRG Datasheet
28Kb / 1P
T-1 3 LEADED TRI-STATE LED LAMPS
MT6224-RG MARKTECH-MT6224-RG Datasheet
19Kb / 1P
3 Leaded Tri-State LED Lamps
MT6224-URUG MARKTECH-MT6224-URUG Datasheet
66Kb / 1P
3 Leaded Tri-State LED Lamps
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
T-1 3/4 SOLID STATE LAMPS
logo
Chicago Miniature Lamp,...
4300HLC CML-4300HLC Datasheet
65Kb / 1P
Solid State LED Lamps-LowCurrent T-1 3/4 (5mm)
4361H1 CML-4361H1 Datasheet
66Kb / 1P
High Brite Tri-Color T-1 3/4 LED Lamps
CMD3350 CML-CMD3350 Datasheet
63Kb / 1P
T-1 3/4 Ultrabright LED Lamps
logo
Kingbright Corporation
L53SYC KINGBRIGHT-L53SYC Datasheet
89Kb / 3P
T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
T-1 3/4 (3mm) Solid State LED Lamps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com