Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-FPX070070015 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-FPX070070015 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-FPX070070015
Download  ATS-FPX070070015 Download
File Size   147.62 Kbytes
Page   1 Pages
Manufacturer  ATS2 [Advanced Thermal Solutions, Inc.]
Direct Link  https://www.qats.com/
Logo ATS2 - Advanced Thermal Solutions, Inc.
Description push PIN??HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412

ATS-FPX070070015 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-FPX070070015 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-FPX070070015
Download  ATS-FPX070070015 Click to download

File Size   147.62 Kbytes
Page   1 Pages
Manufacturer  ATS2 [Advanced Thermal Solutions, Inc.]
Direct Link  https://www.qats.com/
Logo ATS2 - Advanced Thermal Solutions, Inc.
Description push PIN??HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412

ATS-FPX070070015 Datasheet (HTML) - Advanced Thermal Solutions, Inc.




Similar Part No. - ATS-FPX070070015

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-FPX070070015-28-C1 ATS2-ATS-FPX070070015-28-C1 Datasheet
147Kb / 1P
push PIN™ HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,NO TIM
ATS-FPX070070015-28-C2 ATS2-ATS-FPX070070015-28-C2 Datasheet
147Kb / 1P
push PIN™ HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T766
ATS-FPX070070015-28-C2-R0 ATS2-ATS-FPX070070015-28-C2-R0 Datasheet
147Kb / 1P
push PIN??HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T766
More results


Similar Description - ATS-FPX070070015

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-FPX060060013-22-C3-R0 ATS-ATS-FPX060060013-22-C3-R0 Datasheet
147Kb / 1P
push PIN HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
R2-0917
ATS-FPX060060015-23-C3-R0 ATS-ATS-FPX060060015-23-C3-R0 Datasheet
147Kb / 1P
push PIN HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
R2-0917
ATS-FPX060060020-24-C3-R0 ATS-ATS-FPX060060020-24-C3-R0 Datasheet
147Kb / 1P
push PIN HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
R2-0917
ATS-FPX070070010-26-C3-R0 ATS2-ATS-FPX070070010-26-C3-R0 Datasheet
147Kb / 1P
push PIN??HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-CPX070070012 ATS2-ATS-CPX070070012 Datasheet
147Kb / 1P
push PIN??HS,COARSE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-CPX070070010 ATS2-ATS-CPX070070010 Datasheet
147Kb / 1P
push PIN??HS,COARSE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-FPX060060013 ATS2-ATS-FPX060060013 Datasheet
147Kb / 1P
push PIN??HS,SUPER FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-CPX070070006 ATS2-ATS-CPX070070006 Datasheet
147Kb / 1P
push PIN??HS,COARSE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-FPX060060025 ATS2-ATS-FPX060060025 Datasheet
147Kb / 1P
push PIN??HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-FPX054054013 ATS2-ATS-FPX054054013 Datasheet
146Kb / 1P
push PIN™ HS,SUPER FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com