Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-FPX054054013 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-FPX054054013 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-FPX054054013
Download  ATS-FPX054054013 Download
File Size   146.76 Kbytes
Page   1 Pages
Manufacturer  ATS2 [Advanced Thermal Solutions, Inc.]
Direct Link  https://www.qats.com/
Logo ATS2 - Advanced Thermal Solutions, Inc.
Description push PIN™ HS,SUPER FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412

ATS-FPX054054013 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-FPX054054013 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-FPX054054013
Download  ATS-FPX054054013 Click to download

File Size   146.76 Kbytes
Page   1 Pages
Manufacturer  ATS2 [Advanced Thermal Solutions, Inc.]
Direct Link  https://www.qats.com/
Logo ATS2 - Advanced Thermal Solutions, Inc.
Description push PIN™ HS,SUPER FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412

ATS-FPX054054013 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-FPX054054013 Product details

Features
Quick Attachment – Push pins feature a flexible barb at the end designed to
engage with pre-drilled holes in a PCB.
Compression Springs add the necessary force to hold the assembly together
for secure attachment. Select from over 21 different springs to achieve
precise force required.
Push Pin Material available in brass or plastic in 10 sizes ranging from 9-
20mm in length. Stainless steel hardware kit available for more secure
attachment. Visit www.qats.com for available options.
Heat Sinks Designed for All Airflow Conditions. Select from over 112 fine
pitch HS designed for high velocity air flows and 98 course pitch HS
designed for low velocity air flow conditions.
Pre-assembled with phase-changing material for increased thermal
performance. Double-sided thermal tape and no TIM options available to
meet application-specific requirements.
Lightweight, aluminum HS extruded from AL6063 provide optimal heat
transfer with a blue anodized finish.
All components are RoHS and REACH compliant.
Industry standard hole pattern. Recommended through hole size is 3.175mm




Similar Part No. - ATS-FPX054054013

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-FPX054054013-110-C1 ATS2-ATS-FPX054054013-110-C1 Datasheet
147Kb / 1P
push PIN™ HS,SUPER FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,NO TIM
ATS-FPX054054013-110-C2 ATS2-ATS-FPX054054013-110-C2 Datasheet
147Kb / 1P
push PIN™ HS,SUPER FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T766
ATS-FPX054054013-17-C1 ATS2-ATS-FPX054054013-17-C1 Datasheet
147Kb / 1P
push PIN™ HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,NO TIM
ATS-FPX054054013-17-C3 ATS2-ATS-FPX054054013-17-C3 Datasheet
147Kb / 1P
push PIN™ HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
More results


Similar Description - ATS-FPX054054013

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-FPX060060013-22-C3-R0 ATS-ATS-FPX060060013-22-C3-R0 Datasheet
147Kb / 1P
push PIN HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
R2-0917
ATS-FPX060060015-23-C3-R0 ATS-ATS-FPX060060015-23-C3-R0 Datasheet
147Kb / 1P
push PIN HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
R2-0917
ATS-FPX060060020-24-C3-R0 ATS-ATS-FPX060060020-24-C3-R0 Datasheet
147Kb / 1P
push PIN HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
R2-0917
ATS-FPX070070010-26-C3-R0 ATS2-ATS-FPX070070010-26-C3-R0 Datasheet
147Kb / 1P
push PIN??HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-FPX060060010 ATS2-ATS-FPX060060010 Datasheet
147Kb / 1P
push PIN??HS,SUPER FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T766
ATS-CPX070070010 ATS2-ATS-CPX070070010 Datasheet
147Kb / 1P
push PIN??HS,COARSE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-FPX060060013 ATS2-ATS-FPX060060013 Datasheet
147Kb / 1P
push PIN??HS,SUPER FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-FPX070070015 ATS2-ATS-FPX070070015 Datasheet
147Kb / 1P
push PIN??HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-FPX060060025 ATS2-ATS-FPX060060025 Datasheet
147Kb / 1P
push PIN??HS,FINE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
ATS-CPX060060025 ATS2-ATS-CPX060060025 Datasheet
146Kb / 1P
push PIN™ HS,COARSE-PITCH,XCUT,HOLE PATTERN:4-CORNER,BLUE ANODIZED,T412
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com