Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCMB2016R4X Datasheet (PDF) - Weida Semiconductor, Inc.

WCMB2016R4X Datasheet PDF - Weida Semiconductor, Inc.
Part # WCMB2016R4X
Download  WCMB2016R4X Download
File Size   214.24 Kbytes
Page   11 Pages
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.
Description 128K x 16 Static RAM

WCMB2016R4X Datasheet (PDF)

Go To PDF Page Download Datasheet
WCMB2016R4X Datasheet PDF - Weida Semiconductor, Inc.

Part # WCMB2016R4X
Download  WCMB2016R4X Click to download

File Size   214.24 Kbytes
Page   11 Pages
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.
Description 128K x 16 Static RAM

WCMB2016R4X Datasheet (HTML) - Weida Semiconductor, Inc.


WCMB2016R4X Product details

Functional Description
The WCMB2016R4X is a high-performance CMOS static RAM organized as 128K words by 16 bits. This device features advanced circuit design to provide ultra-low active current.
   
Features
• Low voltage range:
    — 1.65V−1.95V
• Ultra-low active power
    — Typical Active Current: 0.5 mA @ f = 1 MHz
    — Typical Active Current: 1.5 mA @ f = fmax
• Low standby power
• Easy memory expansion with CE and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
   




Similar Part No. - WCMB2016R4X

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMB4016R4X WEIDA-WCMB4016R4X Datasheet
218Kb / 12P
256K x 16 Static RAM
WCMB4016R4X-FF70 WEIDA-WCMB4016R4X-FF70 Datasheet
218Kb / 12P
256K x 16 Static RAM
More results


Similar Description - WCMB2016R4X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
128K x 16 Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
128K x 16 Static RAM
October 10, 2002
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
128K x 16 Static RAM
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
2M (128K x 16) Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
128K x 16 STATIC RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
128K x 16 Static RAM
logo
Cypress Semiconductor
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
128K x 16 Static RAM
CY62137CV25 CYPRESS-CY62137CV25_06 Datasheet
875Kb / 13P
2M (128K x 16) Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com