Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCMB2016R4X Datasheet(PDF) 2 Page - Weida Semiconductor, Inc.

Part # WCMB2016R4X
Description  128K x 16 Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.

WCMB2016R4X Datasheet(HTML) 2 Page - Weida Semiconductor, Inc.

  WCMB2016R4X Datasheet HTML 1Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 2Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 3Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 4Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 5Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 6Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 7Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 8Page - Weida Semiconductor, Inc. WCMB2016R4X Datasheet HTML 9Page - Weida Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
WCMB2016R4X
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
.................−0.2V to +2.4V
DC Voltage Applied to Outputs
in High Z State[3]
........................................ −0.2V to V
CC + 0.2V
DC Input Voltage[3]
.................................... −0.2V to V
CC + 0.2V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Notes:
1.
NC pins are not connected to the die.
2.
E3 (DNU) can be left as NC or Vss to ensure proper application.
3.
VIL(min) = −2.0V for pulse durations less than 20 ns.
4.
Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.
Pin Configuration[1, 2]
WE
Vccq
A11
A10
NC
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vssq
A7
I/O0
BHE
NC
DNU
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
FBGA
A16
Top View
Operating Range
Device
Range
Ambient Temperature
VCC
WCMB2016R4X
Industrial
−40°C to +85°C
1.65V to 1.95V
Product Portfolio
Product
VCC Range
Speed
Power Dissipation (Industrial)
Operating (ICC)
Standby (ISB2)
f = 1MHz
f = fmax
VCC(min.) VCC(typ.)
[4]
VCC(max.)
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
WCMB2016R4X
1.65V
1.80V
1.95V
70 ns
0.5 mA
2 mA
1.5 mA
6 mA
1
µA8 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com