Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2PCIE212 Datasheet (PDF) - Pericom Semiconductor Corporation

PI2PCIE212 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI2PCIE212
Download  PI2PCIE212 Download
File Size   284.98 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable

PI2PCIE212 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI2PCIE212 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI2PCIE212
Download  PI2PCIE212 Click to download

File Size   284.98 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable

PI2PCIE212 Datasheet (HTML) - Pericom Semiconductor Corporation




Similar Part No. - PI2PCIE212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE2212 PERICOM-PI2PCIE2212 Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE2214 PERICOM-PI2PCIE2214 Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI2PCIE2214ZHEX PERICOM-PI2PCIE2214ZHEX Datasheet
1,011Kb / 6P
PCI Express 2.0, 1-lane, 4:1 Mux/DeMux Switch
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
More results


Similar Description - PI2PCIE212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2PCIE412-D PERICOM-PI2PCIE412-D Datasheet
462Kb / 9P
Enhanced, 1.8V, PCI Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS412 PERICOM-PI2DBS412 Datasheet
542Kb / 9P
1.8V, 1.8GHz, Differential Broadband Signal Switch,4-Differential Channel, 2:1 Mux/DeMux Switch,w/ Single Enable
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PI2DBS212 PERICOM-PI2DBS212 Datasheet
911Kb / 10P
1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
ON Semiconductor
NCN2411 ONSEMI-NCN2411 Datasheet
315Kb / 9P
4-Channel Differential 1:2 Mux/Demux Switch for PCI Express Gen2
August, 2011 ??Rev. 0
NCN3411 ONSEMI-NCN3411 Datasheet
527Kb / 10P
4-Differential Channel 1:2 Mux/Demux Switch for PCI Express Gen3
September, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE3412 PERICOM-PI3PCIE3412 Datasheet
1Mb / 10P
3.3V, PCI Express 3.0 2-Lane, 2:1 Mux/DeMux Switch, with Single Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com