Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2PCIE212 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2PCIE212
Description  1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PCIE212 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2PCIE212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2PCIE212 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PI2PCIE212
1.8V, PCI Express Compliant, 2 Differential Ch.,
2:1 Mux/DeMux Switch w/ Single Enable
PS8789
09/19/05
DC Electrical Characteristics for Switching over Operating Range
(TA = –40°C to +85°C, VCC = 1.5V to 2.0V)
Paramenter
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
0.65 x VCC
-
-
V
VIL
Input LOW Voltage
Guaranteed LOW level
-0.5
-
0.35 x VCC
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
-
-0.7
-1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±5
μA
IIL
Input LOW Current
VCC = Max., VIN = GND
-
-
±5
Storage Temperature ......................................... –65°C to +150°C
Supply Voltage to Ground Potential ....................–0.5V to +2.5V
DC Input Voltage ..................................................–0.5V to +VCC
DC Output Current ........................................................... 120mA
Power Dissipation ................................................................ 0.5W
Note: Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com