Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11154 Datasheet (PDF) - Maxim Integrated Products

MAX11154 Datasheet PDF - Maxim Integrated Products
Part # MAX11154
Download  MAX11154 Download
File Size   1035.63 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN

MAX11154 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11154 Datasheet PDF - Maxim Integrated Products

Part # MAX11154
Download  MAX11154 Click to download

File Size   1035.63 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN

MAX11154 Datasheet (HTML) - Maxim Integrated Products


MAX11154 Product details

General Description
The MAX11154 18-bit, 500ksps, SAR ADC offers excellent
AC and DC performance with unipolar input range, small
size, and internal reference. The MAX11154 integrates an
optional internal reference and buffer, saving additional
cost and space.
This ADC typically achieves 93.8dB SNR and -105.8dB THD.
The device guarantees 18-bit no-missing codes and ±2
LSB INL (typ).
The MAX11154 communicates using an SPI-compatible
serial interface at 2.3V, 3V, 3.3V, or 5V logic. The serial
interface can be used to daisy-chain multiple ADCs for
multichannel applications and provides a busy indicator
option for simplified system synchronization and timing.
The MAX11154 is offered in a 12-pin, 3mm x 3mm,
TDFN package and is specified over the -40NC to +85NC
temperature range.

Benefits and Features
● High DC/AC Accuracy Improves Measurement Quality
• 18-Bit Resolution with No Missing Codes
• 500ksps Throughput Rates without Pipeline Delay/
Latency
• 93.8dB SNR and -105.8dB THD at 10kHz
• 1.7 LSBRMS Transition Noise
• ±0.6 LSB DNL (typ) and ±2 LSB INL (typ)
● Highly Integrated ADC Saves Cost and Space
• ±7ppm/°C Internal Reference
• Internal Reference Buffer
● Wide Supply Range and Low Power Simplify
Power-Supply Design
• 5V Analog Supply
• 2.3V to 5V Digital Supply
• 23.6mW Power Consumption with External Reference
at 500ksps
• 10µA in Shutdown Mode
● Multi-Industry Standard Serial Interface and
Small Package Reduce Size
• SPI/QSPI™/MICROWIRE®/DSP-Compatible
Serial Interface
• 3mm x 3mm Tiny 12-Pin TDFN Package

Applications
● Data Acquisition Systems
● Industrial Control Systems/Process Control
● Medical Instrumentation
● Automatic Test Equipment




Similar Part No. - MAX11154

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11154 MAXIM-MAX11154 Datasheet
865Kb / 26P
500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
More results


Similar Description - MAX11154

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11156 MAXIM-MAX11156 Datasheet
3Mb / 27P
18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
Rev 0; 3/13
MAX11150 MAXIM-MAX11150 Datasheet
853Kb / 26P
18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11156 MAXIM-MAX11156_V01 Datasheet
948Kb / 27P
18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11164 MAXIM-MAX11164 Datasheet
1,010Kb / 28P
16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11165 MAXIM-MAX11165 Datasheet
934Kb / 28P
Bit, 250ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11166 MAXIM-MAX11166_V01 Datasheet
1Mb / 28P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11167 MAXIM-MAX11167 Datasheet
997Kb / 28P
16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11168 MAXIM-MAX11168 Datasheet
918Kb / 27P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com