Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11156 Datasheet (PDF) - Maxim Integrated Products

MAX11156 Datasheet PDF - Maxim Integrated Products
Part # MAX11156
Download  MAX11156 Download
File Size   3145.17 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN

MAX11156 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11156 Datasheet PDF - Maxim Integrated Products

Part # MAX11156
Download  MAX11156 Click to download

File Size   3145.17 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN

MAX11156 Datasheet (HTML) - Maxim Integrated Products


MAX11156 Product details

General Description
The MAX11156 18-bit, 500ksps, SAR ADC offers excellent AC and DC performance with true bipolar input range, small size, and internal reference. The MAX11156 measures a ±5V (10VP-P) input range while operating from a single 5V supply. A patented charge-pump architecture allows direct sampling of high- impedance sources. The MAX11156 integrates an optional 6ppm/°C reference with internal buffer, saving the cost and space of an external reference.
The MAX11156 produces 94.6dB SNR and -105dB THD (typ). The MAX11156 guarantees 18-bit no-missing codes. The MAX11156 communicates using an SPI-compatible serial interface at 2.5V, 3V, 3.3V, or 5V logic. The serial interface can be used to daisy-chain multiple ADCs in parallel for multichannel applications and provides a busy indicator option for simplified system synchronization and timing.
The MAX11156 is offered in a 12-pin, 3mm x 3mm, TDFN package and is specified over the -40°C to +85°C temperature range.

Features
● High DC and AC Accuracy
● 18-Bit Resolution with No Missing Codes
● SNR: 94.6dB
● THD: -105dB at 10kHz
● ±2.5 LSB INL (typ)
● ±0.4 LSB DNL (typ)
● Internal Reference and Reference Buffer Save Cost
   and Board Space
● 6ppm/°C (typ)
● Tiny 12-Pin 3mm x 3mm TDFN Package
● Bipolar ±5V Analog Input Range Saves External
   Signal Conditioning
● Single-Supply ADC with Low Power
● 5V Analog Supply
● 2.3V to 5V Digital Supply
● 26.5mW at 500ksps
● Shutdown Mode
● 500ksps Throughput Rate
● No Pipeline Delay/Latency
● Flexible Industry-Standard Serial Interface Saves I/O Pins
● SPI/QSPI™/MICROWIRE®/DSP-Compatible

Applications
● Data Acquisition Systems
● Industrial Control Systems/Process Control
● Medical Instrumentation
● Automatic Test Equipment




Similar Part No. - MAX11156

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11156 MAXIM-MAX11156 Datasheet
865Kb / 26P
500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11156 MAXIM-MAX11156 Datasheet
994Kb / 17P
Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 6/13
MAX11156ETC+T MAXIM-MAX11156ETC+T Datasheet
948Kb / 27P
18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11156EVSYS MAXIM-MAX11156EVSYS Datasheet
994Kb / 17P
Time Domain, Frequency Domain, and Histogram Plotting
Rev 0; 6/13
MAX11156 MAXIM-MAX11156_V01 Datasheet
948Kb / 27P
18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
More results


Similar Description - MAX11156

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11150 MAXIM-MAX11150 Datasheet
853Kb / 26P
18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11154 MAXIM-MAX11154 Datasheet
1Mb / 28P
18-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11156 MAXIM-MAX11156_V01 Datasheet
948Kb / 27P
18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11164 MAXIM-MAX11164 Datasheet
1,010Kb / 28P
16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11166 MAXIM-MAX11166_V01 Datasheet
1Mb / 28P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11167 MAXIM-MAX11167 Datasheet
997Kb / 28P
16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11168 MAXIM-MAX11168 Datasheet
918Kb / 27P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
MAX11169 MAXIM-MAX11169 Datasheet
814Kb / 26P
16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com