Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-NUCLEO-DRP1M1 Datasheet (PDF) - STMicroelectronics

X-NUCLEO-DRP1M1 Datasheet PDF - STMicroelectronics
Part # X-NUCLEO-DRP1M1
Download  X-NUCLEO-DRP1M1 Download
File Size   1155.81 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB-C protection for dual role power (DRP)

X-NUCLEO-DRP1M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
X-NUCLEO-DRP1M1 Datasheet PDF - STMicroelectronics

Part # X-NUCLEO-DRP1M1
Download  X-NUCLEO-DRP1M1 Click to download

File Size   1155.81 Kbytes
Page   33 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB-C protection for dual role power (DRP)

X-NUCLEO-DRP1M1 Datasheet (HTML) - STMicroelectronics


X-NUCLEO-DRP1M1 Product details

Description
The TCPP03-M20 is an MCU companion chip enabling cost-effective USB-C power delivery dual role power implementation. It provides protections and functionalities to safely comply with the USB-C Power Delivery specification. TCPP03-M20 drives external N-MOSFETs on VBUS connector pin in the source and sink power path for over voltage and over current protection. It provides an analog current sense output accessible for an MCU ADC, thus minimizing system cost. The TCPP03-M20 features 24 V tolerant ESD protection as per IEC61000-4-2 level 4 on USB type-C connector communication channel pins (CC). The TCPP03-M20 provides overvoltage protection on CC1 and CC2 pins when these pins are subjected to short circuit with the VBUS pin that may happen when removing the USB type-C cable from its receptacle. TCPP03-M20 helps to minimize power consumption during DRP toggling states thanks to its three programmable power modes allowing a power consumption as low as 3 µA maximum, up to 125 °C and thanks to enable pin that wake up the MCU. Product status link TCPP03-M20 Order TCPP03-M20 Expansion board X-NUCLEO-DRP1M1 Software example code X-CUBE-TCPP STM32-UCPD companion chips(1) STM32G0, STM32G4, STM32L5, STM32U5 1. Any MCU with USB-C PD SW stack I2C address 0110 10x (LSB = ‘x’) USB-C protection for dual role power (DRP) TCPP03-M20 Datasheet DS13618 - Rev 2 - October 2021 For further information contact your local STMicroelectronics sales office.

Features
■ Externally programmable VBUS OVP (over voltage protection) and OCP (over current protection) for provider and consumer power paths with fast turn-off
■ Two integrated N-MOSFETs gate drivers for VBUS OVP and OCP
■ Very low power in “unattached” state during DRP toggling: 3 µA max. at 125 °C
■ Compliant with PPS (programmable power supply) for fast charging, up to 100 W
■ Integrated discharge on VBUS and VCONN
■ VBUS current sense and amplifier with analog output
■ ESD protection for CC1, CC2, compliant with IEC 61000-4-2 Level 4 (±8 kV contact discharge, ±15 kV air discharge)
■ VCONN OCP (100 mW max), OVP (6 V max)
■ Over voltage protection on CC lines against short-to-VBUS
■ Over temperature protection (150 °C typ.)
■ Integrated “Dead Battery” management
■ I2C communication, with two I2C addresses available
■ Junction temperature from -40 °C to 125 °C
■ Compliant with USB-C power delivery standard 3.1, standard power range (SPR), up to 100 W
■ ECOPACK2 compliant

Applications
■ USB type-C power delivery used in dual role power (DRP) or dual role data (DRD) configuration
■ USB type-C used in Sink configuration requiring current sense on VBUS
■ USB type-C sourcing devices




Similar Part No. - X-NUCLEO-DRP1M1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
21-Jul-2016
X-NUCLEO-53L1A1 STMICROELECTRONICS-X-NUCLEO-53L1A1 Datasheet
579Kb / 5P
Long distance ranging Time-of-Flight sensor expansion board based on VL53L1X for STM32 Nucleo
20-Feb-2018
X-NUCLEO-53L1A2 STMICROELECTRONICS-X-NUCLEO-53L1A2 Datasheet
928Kb / 7P
Time-of-Flight ranging sensor with multi object detection and programming FoV expansion board based on VL53L1 for STM32 Nucleo
23-Apr-2021
X-NUCLEO-53L3A2 STMICROELECTRONICS-X-NUCLEO-53L3A2 Datasheet
2Mb / 7P
Time-of-Flight ranging sensor with multi target detection expansion board based on VL53L3CX for STM32 Nucleo
23-Apr-2021
X-NUCLEO-53L3A2 STMICROELECTRONICS-X-NUCLEO-53L3A2 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - X-NUCLEO-DRP1M1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB6020 TI-TUSB6020 Datasheet
230Kb / 12P
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
TUSB6020 TI-TUSB6020_08 Datasheet
485Kb / 20P
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS3220 TI1-HD3SS3220_15 Datasheet
1,003Kb / 43P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
logo
NXP Semiconductors
FRDM-K64F NXP-FRDM-K64F Datasheet
1Mb / 20P
Dual role USB interface with micro-B USB connector
Rev. 1,08/2016
logo
Diodes Incorporated
PI3USB9201 DIODES-PI3USB9201 Datasheet
632Kb / 1P
Dual-Role USB Charging-Type Detector
logo
ON Semiconductor
FUSB15200 ONSEMI-FUSB15200 Datasheet
264Kb / 23P
Dual Port USB Type-C & PD Controller for Sink and DRP Applications
March, 2022 - Rev. 0
logo
Alpha & Omega Semicondu...
AOZ1356DI AOSMD-AOZ1356DI Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356LI AOSMD-AOZ1356LI Datasheet
1Mb / 16P
5V/3A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 1.0 October 2018
logo
STMicroelectronics
TCPP02-M18 STMICROELECTRONICS-TCPP02-M18 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com