Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB15200 Datasheet (PDF) - ON Semiconductor

FUSB15200 Datasheet PDF - ON Semiconductor
Part # FUSB15200
Download  FUSB15200 Download
File Size   264.31 Kbytes
Page   23 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Port USB Type-C & PD Controller for Sink and DRP Applications

FUSB15200 Datasheet (PDF)

Go To PDF Page Download Datasheet
FUSB15200 Datasheet PDF - ON Semiconductor

Part # FUSB15200
Download  FUSB15200 Click to download

File Size   264.31 Kbytes
Page   23 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Port USB Type-C & PD Controller for Sink and DRP Applications

FUSB15200 Datasheet (HTML) - ON Semiconductor


FUSB15200 Product details

The FUSB15200 is a highly integrated dual port USB Type−C and
Power Delivery Controller optimized for Sink and DRP applications.
The FUSB15200 enables a complete solution through optimized
hardware peripherals and complete open−source embedded firmware
all in a compact solution. Maximizing total system power budgets is
enabled through both hardware and firmware of the FUSB15200.
onsemi offers a complete open−source embedded firmware
solution. System designers can easily tailor this firmware to meet the
specific needs of their end application through an easy to use API for
the embedded firmware. The FUSB15200 also provides a completely
USB PD3.1 compliant solution with interoperability with leading
mobile and computing devices in the market.

Features
• Small Footprint Dual−port USB PD Controller Supporting the Most
Popular Peripherals
♦ USB PD 3.1 & USB Type−C 2.1
♦ 4x I2C Host/Device
♦ Dual USB BC1.2 Consumer/Provider
♦ USB2.0 Isolation Switches
• Fully Programmable and Upgradable Open−Source Firmware
Providing API for Customer Specific Device Policy Manager
Development
• Integrated LDOs from VBUS Allows Dead−Battery Functionality
• High Voltage Protection on CC and VBUS Pins (28 V DC)
• Up to 20 GPIOs
• 10−bit ADC for High Performance System Measurements
• External Temperature Monitoring via NTC Resistors
• DisplayPort® HPD Signal Conversion
• FastRole Swap Support
• 40−pin QFN Package (5 mm x 5 mm, 0.4 mm Pitch)
• These are Pb−free Devices

Typical Applications
• Sinks and DRP Devices
• Laptops
• Docks




Similar Part No. - FUSB15200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
FUSB15201DVMNWTWG ONSEMI-FUSB15201DVMNWTWG Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
FUSB15201VMNWTWG ONSEMI-FUSB15201VMNWTWG Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201VMNWTWG ONSEMI-FUSB15201VMNWTWG Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
More results


Similar Description - FUSB15200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Richtek Technology Corp...
RT7207 RICHTEK-RT7207 Datasheet
395Kb / 25P
USB PD Type-C Controller for SMPS
January 2017
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com