Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7207 Datasheet (PDF) - Richtek Technology Corporation

RT7207 Datasheet PDF - Richtek Technology Corporation
Part # RT7207
Download  RT7207 Download
File Size   395.35 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description USB PD Type-C Controller for SMPS

RT7207 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT7207 Datasheet PDF - Richtek Technology Corporation

Part # RT7207
Download  RT7207 Click to download

File Size   395.35 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description USB PD Type-C Controller for SMPS

RT7207 Datasheet (HTML) - Richtek Technology Corporation


RT7207 Product details

General Description
The RT7207 is a secondary-side USB Power Delivery (USB
PD) Type-C controller for high-efficiency off-line AC-DC
converters with slim form factor. The RT7207 integrates
an MCU as a policy engine to handle USB PD protocol,
and also integrates a built-in Biphase Mark Coding (BMC)
transceiver for USB PD or other proprietary protocols. An
internal synchronous rectifier controller (SRC) can operate
in both continuous-conduction mode (CCM) and
discontinuous-conduction mode (DCM) even in the
condition of a wide output voltage range of 3.3V to 20V.
Dual operational amplifiers with respectively programmable
reference voltages are included for voltage-loop and currentloop
regulation to provide programmable constant-voltage
(CV) and constant-current (CC) regulation in high precision.

Features
 Protocols Supported
 USB PD 2.0
 Other Proprietary Protocols
 Highly Integrated
 Embedded MCU with an OTP-ROM of 32kB and
an SRAM of 1kB
Embedded BMC Transceiver
 Built-in Synchronous Rectifier Driver and
Controller
 Built-in Charge Pump for a Wide VDD Operatio
Range of 3.3V to 20V
 Built-in Shunt Regulator for Constant-Voltage
and Constant-Current Control
 Programmable Cable Compensation
 BLD Pin for Quick Discharge of Output Capacitor
 USBP Pin for Direct Drive of External Blocking
P-MOSFET
 Power-Saving Mode in Standby Mode
 Protection
 Adaptive Output Over-Voltage Protection
 Adaptive Under-Voltage Protection
 Firmware-Programmable Over-Current Protection
 Firmware-Programmable Over-Temperature
Protection

Applications
 USB PD Type-C Chargers/Adapters for Smart Phones,
NBs, Tablets and All Other Electronics.
 USB PD Extension Cores with Offline AC-DC Converters.




Similar Part No. - RT7207

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7207K RICHTEK-RT7207K Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Rectification
RT7207KB RICHTEK-RT7207KB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
RT7207KBGQWAA RICHTEK-RT7207KBGQWAA Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
RT7207KBGQWBB RICHTEK-RT7207KBGQWBB Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
RT7207KBGQWX RICHTEK-RT7207KBGQWX Datasheet
164Kb / 1P
Highly Integration USB PD Controller with Synchronous Highly Integration USB PD Controller with Synchronous
More results


Similar Description - RT7207

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
NXP Semiconductors
TEA19031AT NXP-TEA19031AT Datasheet
336Kb / 37P
USB-PD controller for SMPS
Rev. 2-1 December 2017
TEA19032BT NXP-TEA19032BT Datasheet
335Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1-9 February 2018
logo
Richtek Technology Corp...
RT7202K RICHTEK-RT7202K Datasheet
75Kb / 1P
Highly Integrated USB PD Type-C Controller for SMPS
RT7205A RICHTEK-RT7205A Datasheet
642Kb / 36P
Programmable SMPS and USB Type-C Controller
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
NXP Semiconductors
TEA19032CT NXP-TEA19032CT Datasheet
336Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 4 controller for SMPS
Rev. 1 ??15 March 2019
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com