Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7207 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7207 Datasheet HTML 1Page - Richtek Technology Corporation RT7207 Datasheet HTML 2Page - Richtek Technology Corporation RT7207 Datasheet HTML 3Page - Richtek Technology Corporation RT7207 Datasheet HTML 4Page - Richtek Technology Corporation RT7207 Datasheet HTML 5Page - Richtek Technology Corporation RT7207 Datasheet HTML 6Page - Richtek Technology Corporation RT7207 Datasheet HTML 7Page - Richtek Technology Corporation RT7207 Datasheet HTML 8Page - Richtek Technology Corporation RT7207 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
RT7207
2
DS7207-00 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
RT7207 Version Table
Version
RT7207
RT7207L
Maximum Output Voltage
20V
12V
SR MOSFET VDS Scaling Factor
[RVDS2 / (RVDS1 + RVDS2) ]
1/42
1/26
VOUT Scaling Factor
[RFB2 / (RFB1 + RFB2) ]
1/8
1/5
Marking Information
AB=YM
DNNAA
BBX
AB= : Product Code
YMDNN : Date Code
AABBX : Firmware Code
CC_CV
Shunt Regulator
Synchronous
Rectifier
Controller
ADC
CS
Amp
Bias
VBUS
GND
CC1
CC2
CS-
CS+
VDD
BLD
VFB
V_TR
VG
D-
D+
RT7207
USBP
OPTO
IFB
I/O
Interface
PHY
DAC
MCU
WDT
OTP-
ROM
SRAM
TMR
IO
Protection
USB Type-C
Connector
RFB1
RFB2
RVDS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com