Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7207 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT7207 Datasheet HTML 7Page - Richtek Technology Corporation RT7207 Datasheet HTML 8Page - Richtek Technology Corporation RT7207 Datasheet HTML 9Page - Richtek Technology Corporation RT7207 Datasheet HTML 10Page - Richtek Technology Corporation RT7207 Datasheet HTML 11Page - Richtek Technology Corporation RT7207 Datasheet HTML 12Page - Richtek Technology Corporation RT7207 Datasheet HTML 13Page - Richtek Technology Corporation RT7207 Datasheet HTML 14Page - Richtek Technology Corporation RT7207 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
RT7207
11
DS7207-00 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SR Control Section
SR MOSFET VDS Scaling
Factor
KVDS_SR
RVDS2 / (RVDS1 + RVDS2)
(For RT7207)
(Note 5)
--
1/42
--
--
RVDS2 / (RVDS1 + RVDS2)
(For RT7207L)
(Note 5)
--
1/26
--
V_TR Internal Resistance
RVDS2
4.56
4.8
5.04
k
Maximum Ratio of VG On-Time
KSRON_MAX
If tSR_ON[n] > tSR_ON[n-1] x
KSRON_MAX, tSR_ON[n] will
limited to tSR_ON[n-1] x
KSRON_MAX and stop
automatic tracking counter
(Note 5)
--
1.06
--
--
OTP-Programmable V_TR
Pulse Width Expansion/Shrink
Limit
tPWLMT_VTR
If tV_TR[n] > tV_TR[n-1]
+ tPWLMT_VTR or
tV_TR[n] < tV_TR[n-1] -
tPWLMT_VTR, reset
automatic tracking
counter
(Note 5)
00
--
0.3
--
s
01
--
0.5
--
10
--
0.7
--
11
--
0.9
--
Register-Programmable
Minimum Period
tPERIOD_MIN
Interval limit from V_TR
rising edge to VG falling
edge
The clock period is based on
fOSC_MCU and can be set by
the 12-bit register
(Note 5)
--
190
--
s
PLL Function Section
Register-Programmable PLL
Dead Time
tDEAD_PLL
If VG falling edge to
VTH_VTR_DT interval <
tDEAD_PLL, VG will
skipped two cycles
and reset automatic
tracking counter
(Note 5)
00
--
2300
--
ns
01
--
1800
--
10
--
1300
--
11
--
800
--
Fault PLL Ratio
KFAULT_PLL
If tPW M[n] > KFAULT_PLL x
tPW M[n-1], reset automatic
tracking counter
(Note 5)
--
1.25
--
--
Automatic Tracking Section
Register-Programmable
Auto-Tracking Dead Time
tDEAD_TRACK
VG falling edge to
VTH_VTR_DT interval
(Note 5)
00
--
2500
--
ns
01
--
2000
--
10
--
1500
--
11
--
1000
--
Maximum Step Time for Tracking
Up/Down
With respect to VREF_CV
(Note 5)
--
1
--
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com