Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7207 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT7207
Description  USB PD Type-C Controller for SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7207 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT7207 Datasheet HTML 17Page - Richtek Technology Corporation RT7207 Datasheet HTML 18Page - Richtek Technology Corporation RT7207 Datasheet HTML 19Page - Richtek Technology Corporation RT7207 Datasheet HTML 20Page - Richtek Technology Corporation RT7207 Datasheet HTML 21Page - Richtek Technology Corporation RT7207 Datasheet HTML 22Page - Richtek Technology Corporation RT7207 Datasheet HTML 23Page - Richtek Technology Corporation RT7207 Datasheet HTML 24Page - Richtek Technology Corporation RT7207 Datasheet HTML 25Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
RT7207
21
DS7207-00 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Constant-Voltage (CV) Loop
As shown in Figure 6, the RT7207 incorporates 2 error
amplifiers (EA) inside to regulate the output voltage and
current, respectively. The output voltage is determined as :
FB1
OUT
REF_CV
FB2
R
V1
V
R




For the RT7207 : The ratio of RFB1 / RFB2 is set as 7, and
it is recommended to use 91k
Ω and 13kΩ for minimizing
power loss in the resistor divider.
For the RT7207L : The ratio of RFB1 / RFB2 is set as 4, and
it is recommended to use 30k
Ω and 7.5kΩ for better
resolution of CV regulation.
Therefore, the VOUT is determined by VREF_CV, the analog
output from the DAC, and its digital counterpart, which is
controlled by the MCU, as shown in Functional Block
Diagram.
Constant-Current (CC) Loop and Current-Sense
Amplifier
The RT7207 integrates a virtually-zero input-offset-voltage
current-sense amplifier with differential-mode inputs to
minimize noise interference. The voltage gain of 20 or 40
can be set by the internal register. The amplified output
current sense signal, sent to an ADC for A/D conversion,
is monitored and processed by the MCU, and is also sent
to the CC loop. The reference voltage of the CC loop is
determined by VREF_CC (from the DAC), which is
programmed by chargers' requirements. Both the constant-
voltage and constant-current compensation loops are
connected together at the OPTO pin. The OPTO driver
sinks current through an optocoupler and an external
resistor RD from output voltage, and the optocoupler
isolates the secondary side from the primary side and
also provide the feedback compensation signal for the
primary side. Note that for better linearity of the loop
compensation range, RD should be designed to cover for
operation at the minimum output voltage.
CTR : Current transfer ratio of the optocoupler
VF : Forward voltage of the optocoupler
0.3V : The minimum OPTO voltage for the OPTO driver to
sink 2mA.
ICOMP_MAX : The maximum COMP sourcing current of a
traditional PWM controller in the primary side. It is a current
sourced from an internal bias through a built-in pull-high
resistor connected the COMP pin in the PWM controller.
Figure 6. CC and CV Loops and Current-Sense Amplifier
Power-Up Sequence
Figure 7 shows the timing diagram for the power-up
sequence. When start-up, the default output is set at 5V.
Once a Type-C cable is attached, the UFP will deliver
voltage and current settings to the RT7207 for the MCU to
decode and to program reference voltages, VREF_CV and
VREF_CC, for the CV and CC loops, which are the analog
outputs converted by the DAC. If the Type-C cable is
detached, or the output current is lower than the power-
saving mode threshold, which is typically programmed as
200mA, the RT7207 will enter power-saving mode, under
which the RT7207 operates at ultra-low operating current
and thus the total input power can be saved. If the output
current increases and exceeds the power-saving mode
threshold, or any input/output signal is toggled, the RT7207
will exit power-saving mode.
OUT _MIN
F
COMP _MAX
D
(V
V
0.3V)
CTR
I
R


Io_signal
CS-
DAC
UVLO
VREF_CV
VREF_CC
VFB
OPTO
IFB
CS+
+
-
+
-
A
+
-
RC
CC
RV
CV
CCS
RD
VDD (VOUT)
RFB1
RFB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com