Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0115MUF Datasheet (PDF) - STMicroelectronics

X0115MUF Datasheet PDF - STMicroelectronics
Part # X0115MUF
Download  X0115MUF Download
File Size   202.32 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A sensitive gate SCR thyristor

X0115MUF Datasheet (PDF)

Go To PDF Page Download Datasheet
X0115MUF Datasheet PDF - STMicroelectronics

Part # X0115MUF
Download  X0115MUF Click to download

File Size   202.32 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A sensitive gate SCR thyristor

X0115MUF Datasheet (HTML) - STMicroelectronics


X0115MUF Product details

Description
Thanks to highly sensitive triggering levels, the 1 A X0115MUF SCR thyristor is suitable for all applications where available gate current is limited. The X0115MUF offers a high blocking voltage of 600 V, and a surge peak voltage of 750 V, ideal for applications like ground fault circuit interrupter (GFCI) and arc fault circuit interrupters (AFCI). The surface mount SMBflat-3L package allows modern, compact, SMD based designs for automated manufacturing. Its 3.4 mm creepage distance guarantees a 250 V functional isolation (UL 840) at a level 2 pollution degree. Product status link X0115MUF Product summary IT(RMS) 1 A VDRM/VRRM 600 V Tj(max.) 125 °C 1 A sensitive gate SCR thyristor X0115MUF Datasheet DS13078 - Rev 2 - October 2019 For further information contact your local STMicroelectronics sales office.

Features
■ On-state rms current, 1 A
■ Narrow sensitive gate current from 30 µA to 150 µA
■ Repetitive peak off-state voltage, 600 V
■ Non-repetitive surge peak off-state voltage, 750 V
■ Compact and ultraflat SMBflat-3L package with creepage distance of 3.4 mm

Applications
■ Ground-fault circuit interrupter (GFCI, RCB, RCD)
■ Arc-fault circuit interrupter (AFCI)
■ Overvoltage crowbar protection in power supplies
■ Capacitive ignition circuits
■ Low consumption triggering switches




Similar Part No. - X0115MUF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0115ML STMICROELECTRONICS-X0115ML Datasheet
197Kb / 10P
0.8 A sensitive gate SCR thyristor in SOT23-3L
28-Jan-2022
More results


Similar Description - X0115MUF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
SENSITIVE GATE SCR
Jan-1995
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
X0115ML STMICROELECTRONICS-X0115ML Datasheet
197Kb / 10P
0.8 A sensitive gate SCR thyristor in SOT23-3L
28-Jan-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com