Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0115ML Datasheet (PDF) - STMicroelectronics

X0115ML Datasheet PDF - STMicroelectronics
Part # X0115ML
Download  X0115ML Download
File Size   197.12 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.8 A sensitive gate SCR thyristor in SOT23-3L

X0115ML Datasheet (PDF)

Go To PDF Page Download Datasheet
X0115ML Datasheet PDF - STMicroelectronics

Part # X0115ML
Download  X0115ML Click to download

File Size   197.12 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.8 A sensitive gate SCR thyristor in SOT23-3L

X0115ML Datasheet (HTML) - STMicroelectronics


X0115ML Product details

Description
Thanks to highly sensitive triggering levels, X0115ML SCR thyristor is suitable for
all applications where available gate current is limited. The X0115ML offers a high
blocking voltage of 600 V, and a surge peak voltage of 750 V, ideal for applications
like ground fault circuit interrupter (GFCI) and arc fault circuit interrupters (AFCI).
The SOT23-3L package provides the smallest SCR footprint while keeping 1.1 mm
creepage distance, guaranteeing 120 V functional insulation (UL-840) at level 2
pollution degree without extra certification.

Features
• On-state rms current, 0.8 A sensitive
• Repetitive peak off-state voltage, 600 V
• Non-repetitive surge peak off-state voltage, 750 V
• Narrow sensitive gate current range [30 to 150] μA
• Compact SOT23-3L package:
– Creepage distance of 1.1 mm
– 9 mm² footprint

Applications
• Ground-fault circuit interrupter (GFI)
• Arc-fault circuit interrupter (AFCI)
• Overvoltage crowbar protection in power supplies
• Capacitive ignition circuits
• Low consumption triggering switches




Similar Part No. - X0115ML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
More results


Similar Description - X0115ML

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5400 NTE-NTE5400 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
P0109DA STMICROELECTRONICS-P0109DA Datasheet
170Kb / 9P
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
16-Jun-2020
X0402MB STMICROELECTRONICS-X0402MB Datasheet
697Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0402MH STMICROELECTRONICS-X0402MH Datasheet
605Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
X0405MB STMICROELECTRONICS-X0405MB Datasheet
575Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0405MH STMICROELECTRONICS-X0405MH Datasheet
575Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com