Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109DA Datasheet (PDF) - STMicroelectronics

P0109DA Datasheet PDF - STMicroelectronics
Part # P0109DA
Download  P0109DA Download
File Size   170.45 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.8 A 400 V high immunity sensitive SCR thyristor in TO-92

P0109DA Datasheet (PDF)

Go To PDF Page Download Datasheet
P0109DA Datasheet PDF - STMicroelectronics

Part # P0109DA
Download  P0109DA Click to download

File Size   170.45 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.8 A 400 V high immunity sensitive SCR thyristor in TO-92

P0109DA Datasheet (HTML) - STMicroelectronics


P0109DA Product details

Description
Thanks to highly sensitive triggering levels, the 0.8 A P0109DA SCR thyristor is
suitable for all applications where available gate current is limited.
This device offers a high blocking voltage of 400 V, ideal for applications like
interrupters circuits.
The P0109DA is available in through-hole TO-92 package.

Features
• On-state rms current, IT(RMS) 0.8 A
• 125 °C max. Tj
• Ultra low 1 µA gate current
• Repetitive peak off-state voltage, VDRM/VRRM 400 V
• ECOPACK2 compliant

Applications
• Gate driver for large Thyristors
• Overvoltage crowbar protection
• Ground fault circuit interrupters
• Arc fault circuit interrupter
• Standby mode power supplies
• Residual current detector




Similar Part No. - P0109DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0109DA-1AA3 STMICROELECTRONICS-P0109DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109DA-5AL3 STMICROELECTRONICS-P0109DA-5AL3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109DA1AA3 STMICROELECTRONICS-P0109DA1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109DA5AL3 STMICROELECTRONICS-P0109DA5AL3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
More results


Similar Description - P0109DA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
logo
Foshan Blue Rocket Elec...
2N5064 FOSHAN-2N5064 Datasheet
1Mb / 6P
Thyristor in a TO-92 Plastic Package
C106 FOSHAN-C106 Datasheet
788Kb / 6P
Thyristor in a TO-92 Plastic Package
MCR22 FOSHAN-MCR22 Datasheet
1Mb / 6P
Thyristor in a TO-92 Plastic Package
MCR100 FOSHAN-MCR100 Datasheet
788Kb / 6P
Thyristor in a TO-92 Plastic Package
X0205MA FOSHAN-X0205MA Datasheet
1Mb / 6P
Thyristor in a TO-92 Plastic Package
logo
STMicroelectronics
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
X0115ML STMICROELECTRONICS-X0115ML Datasheet
197Kb / 10P
0.8 A sensitive gate SCR thyristor in SOT23-3L
28-Jan-2022
P0109AL STMICROELECTRONICS-P0109AL Datasheet
364Kb / 8P
Sensitive high immunity 0.25 A SCR Thyristor
Rev 2 August 2017
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com