Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109AL Datasheet (PDF) - STMicroelectronics

P0109AL Datasheet PDF - STMicroelectronics
Part # P0109AL
Download  P0109AL Download
File Size   364.93 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive high immunity 0.25 A SCR Thyristor

P0109AL Datasheet (PDF)

Go To PDF Page Download Datasheet
P0109AL Datasheet PDF - STMicroelectronics

Part # P0109AL
Download  P0109AL Click to download

File Size   364.93 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive high immunity 0.25 A SCR Thyristor

P0109AL Datasheet (HTML) - STMicroelectronics


P0109AL Product details

Description
Thanks to highly sensitive triggering levels, the
0.25 A P0109AL SCR Thyristor is suitable for all
applications where available gate current is
limited. Its high immunity makes it ideal for high
electric noise circuits.
The surface mount SOT23-3L package allows
compact SMD based designs for automated
manufacturing.

Features
 IT(RMS) 0.25 A
 Low 1 µA gate current
 High noise immunity 100 V/µs
 ECOPACK® 2 compliant component

Applications
 Standby mode power supplies
 Smoke detectors
 DC 24/48 V proximity sensors
 Gate driver for large Thyristors
 Overvoltage crowbar protection
 Capacitive ignition circuit




Similar Part No. - P0109AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109AL5AA4 STMICROELECTRONICS-P0109AL5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109AL5AA4 STMICROELECTRONICS-P0109AL5AA4 Datasheet
75Kb / 7P
0.25A SCRs
11-Apr-2005
More results


Similar Description - P0109AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
91Kb / 5P
SENSITIVE SCR
May-1998
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
logo
Thinki Semiconductor Co...
2P4M THINKISEMI-2P4M Datasheet
718Kb / 3P
2.0 Ampere Passivated Process Thyristor---Sensitive Gate SCR
logo
STMicroelectronics
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
X0115ML STMICROELECTRONICS-X0115ML Datasheet
197Kb / 10P
0.8 A sensitive gate SCR thyristor in SOT23-3L
28-Jan-2022
P0109DA STMICROELECTRONICS-P0109DA Datasheet
170Kb / 9P
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
16-Jun-2020
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com