Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109AL Datasheet(PDF) 3 Page - STMicroelectronics

Part # P0109AL
Description  Sensitive high immunity 0.25 A SCR Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109AL Datasheet(HTML) 3 Page - STMicroelectronics

  P0109AL Datasheet HTML 1Page - STMicroelectronics P0109AL Datasheet HTML 2Page - STMicroelectronics P0109AL Datasheet HTML 3Page - STMicroelectronics P0109AL Datasheet HTML 4Page - STMicroelectronics P0109AL Datasheet HTML 5Page - STMicroelectronics P0109AL Datasheet HTML 6Page - STMicroelectronics P0109AL Datasheet HTML 7Page - STMicroelectronics P0109AL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P0109AL
Characteristics
DocID030704 Rev 2
3/8
1.1
Characteristics (curves)
Figure 1: Maximum average power dissipation
versus average on-state current
Figure 2: Average and DC on-state current versus
ambient temperature
Figure 3: Relative variation of thermal impedance
junction to ambient versus pulse duration
Figure 4: Gate trigger, holding, and latching
currents with gate trigger voltage versus junction
temperature
Figure 5: Relative variation of holding current
versus gate-cathode resistance
Figure 6: Relative variation of dV/dt immunity
versus gate-cathode resistance
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
P(W)
I
(A)
T(AV)
α = 180°
360°
α
0
2 5
50
75
100
125
0.00
0.05
0.10
0.15
0.20
0.25
0.30
I
(A)
T(AV)
T
(°C)
amb
α = 180°
D.C.
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z
/R
th(j-a)
th(j-a) ]
t (s)
p
SOT23-3L
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-40
-20
0
20
40
60
80
100
120
140
IH and IL
(RGK =1 KΩ)
VGT
IGT
T (°C)
j
Relative variations
Typical values
IGT, VGT, IH, IL[Tj]/IGT, VGT, IH, IL[Tj = 25 °C]
1E-2
1E-1
1E+0
1E+1
0
2
4
6
8
10
12
14
16
18
20
R
(k )
GK
Ω
I [R
] / I [
H
GK
H RGK = 1 kΩ]
Tj = 25°C
Typical values
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
R
(k )
GK
Ω
dV/dt[R
] / dV/dt[
= 1k ]
GK
Ω
RGK
Tj = 125°C
V
= 0.67 x V
D
DRM
Typical values



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com