Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109AL Datasheet(PDF) 1 Page - STMicroelectronics

Part # P0109AL
Description  Sensitive high immunity 0.25 A SCR Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109AL Datasheet(HTML) 1 Page - STMicroelectronics

  P0109AL Datasheet HTML 1Page - STMicroelectronics P0109AL Datasheet HTML 2Page - STMicroelectronics P0109AL Datasheet HTML 3Page - STMicroelectronics P0109AL Datasheet HTML 4Page - STMicroelectronics P0109AL Datasheet HTML 5Page - STMicroelectronics P0109AL Datasheet HTML 6Page - STMicroelectronics P0109AL Datasheet HTML 7Page - STMicroelectronics P0109AL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
August 2017
DocID030704 Rev 2
1/8
This is information on a product in full production.
www.st.com
P0109AL
Sensitive high immunity 0.25 A SCR Thyristor
Datasheet - production data
Features
IT(RMS) 0.25 A
Low 1 µA gate current
High noise immunity 100 V/µs
ECOPACK®2 compliant component
Applications
Standby mode power supplies
Smoke detectors
DC 24/48 V proximity sensors
Gate driver for large Thyristors
Overvoltage crowbar protection
Capacitive ignition circuit
Description
Thanks to highly sensitive triggering levels, the
0.25 A P0109AL SCR Thyristor is suitable for all
applications where available gate current is
limited. Its high immunity makes it ideal for high
electric noise circuits.
The surface mount SOT23-3L package allows
compact SMD based designs for automated
manufacturing.
Table 1: Device summary
Symbol
Value
Unit
IT(RMS)
0.25
A
VDRM/VRRM
100
V
IGT
1
µA
Tj max.
125
°C


Similar Part No. - P0109AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109AL5AA4 STMICROELECTRONICS-P0109AL5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109AL5AA4 STMICROELECTRONICS-P0109AL5AA4 Datasheet
75Kb / 7P
0.25A SCRs
11-Apr-2005
More results

Similar Description - P0109AL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
91Kb / 5P
SENSITIVE SCR
May-1998
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
logo
Thinki Semiconductor Co...
2P4M THINKISEMI-2P4M Datasheet
718Kb / 3P
2.0 Ampere Passivated Process Thyristor---Sensitive Gate SCR
logo
STMicroelectronics
X0115MUF STMICROELECTRONICS-X0115MUF Datasheet
202Kb / 11P
1 A sensitive gate SCR thyristor
10-Oct-2019
X0115ML STMICROELECTRONICS-X0115ML Datasheet
197Kb / 10P
0.8 A sensitive gate SCR thyristor in SOT23-3L
28-Jan-2022
P0109DA STMICROELECTRONICS-P0109DA Datasheet
170Kb / 9P
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
16-Jun-2020
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
Sensitive high immunity SCRs up to 0.8 A
26-Jan-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com