Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109AL Datasheet(PDF) 2 Page - STMicroelectronics

Part # P0109AL
Description  Sensitive high immunity 0.25 A SCR Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109AL Datasheet(HTML) 2 Page - STMicroelectronics

  P0109AL Datasheet HTML 1Page - STMicroelectronics P0109AL Datasheet HTML 2Page - STMicroelectronics P0109AL Datasheet HTML 3Page - STMicroelectronics P0109AL Datasheet HTML 4Page - STMicroelectronics P0109AL Datasheet HTML 5Page - STMicroelectronics P0109AL Datasheet HTML 6Page - STMicroelectronics P0109AL Datasheet HTML 7Page - STMicroelectronics P0109AL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
P0109AL
2/8
DocID030704 Rev 2
1
Characteristics
Table 2: Absolute maximum ratings (limiting values), Tj = 25 °C unless otherwise specified
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(180 ° conduction angle)
Tamb = 36 °C
0.25
A
IT(AV)
Average on-state current
(180 ° conduction angle)
0.16
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25 °C
tp = 8.3 ms
7
A
tp = 10 ms
6
I2t
I2t value for fusing
tp = 10 ms
0.18
A2s
dl/dt
Critical rate of rise of on-state current
IG = 2 x IGT, tr
≤ 100 ns
f = 60 Hz
Tj = 125 °C
50
A/µs
VDRM/VRRM
Repetitive peak off-state voltage
Tj = 125 °C
100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
0.5
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.02
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature
-40 to +125
°C
Table 3: Electrical characteristics (Tj = 25 °C unless otherwise specified)
Symbol
Test conditions
Value
Unit
IGT
VD = 12 V, RL
= 140 Ω
Max.
1
µA
VGT
Max.
0.8
V
VGD
VD = VDRM, RL
= 3.3 kΩ, RGK = 1000 Ω
Tj = 125 °C
Min.
0.1
V
VRG
IRG = 10 µA
Min.
8
V
IH
IT = 50 mA, RGK
= 1000 Ω
Max.
6
mA
IL
IG = 1.2 x IGT, RGK
= 1000 Ω
Max.
7
mA
dV/dt
VD = 67 % VDRM, RGK
= 1000 Ω
Tj = 125 °C
Min.
100
V/µs
Table 4: Static characteristics
Symbol
Test conditions
Value
Unit
VTM
ITM = 0.4 A, tp = 380 µs
Tj = 25 °C
Max.
1.7
V
VTO
Threshold voltage
Tj = 125 °C
Max.
1
RD
Dynamic resistance
Tj = 125 °C
Max.
1000
mΩ
IDRM/IRRM
VD = VDRM; VR = VRRM, RGK
= 1000 Ω
Tj = 25 °C
Max.
1
µA
Tj = 125 °C
100
Table 5: Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (Mounted on FR4 with recommended pad layout)
400
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com