Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109DA Datasheet(PDF) 5 Page - STMicroelectronics

Part # P0109DA
Description  0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109DA Datasheet(HTML) 5 Page - STMicroelectronics

  P0109DA Datasheet HTML 1Page - STMicroelectronics P0109DA Datasheet HTML 2Page - STMicroelectronics P0109DA Datasheet HTML 3Page - STMicroelectronics P0109DA Datasheet HTML 4Page - STMicroelectronics P0109DA Datasheet HTML 5Page - STMicroelectronics P0109DA Datasheet HTML 6Page - STMicroelectronics P0109DA Datasheet HTML 7Page - STMicroelectronics P0109DA Datasheet HTML 8Page - STMicroelectronics P0109DA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Figure 7. Relative variation of static dV/dt immunity
versus gate-cathode resistance
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
R
( k )
GK
Ω
dV/dt[R
] / dV/dt[
= 1k ]
GK
Ω
RGK
Tj = 125°C
V = 0.67 x V
D
DRM
Typical values
Figure 8. Relative variation of dV/dt immunity versus gate-
cathode capacitance
0
1
2
3
4
5
6
7
0
2
4
6
8
10
C
(nF)
GK
dV/dt[C
] / dV/dt[
= 1k , CGK = 0 F]
GK
Ω
RGK
T
V = 0.67 xV
= 125°C
R = 1k
D
DRM
GK
j
Ω
Typical values
Figure 9. Surge peak on-state current versus number of
cycles
I
(A)
TSM
1
1 0
100
1000
0
1
2
3
4
5
6
7
8
Number of cycles
Non repetitive
T initial = 25°C
j
Repetitive
T
= 36 °C
amb
t = 10ms
p
One cycle
Figure 10. Non-repetitive surge peak on-state current for
sinusoidal pulse (tp< 10 ms)
100.0
10.0
1.0
0.1
0.01
0.10
1.00
10.00
T initial = 25°C
j
ITSM
t (ms)
p
ITSM(A)
Figure 11. On-state characteristics (maximum values)
I
(A)
TM
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1E+1
1E+0
1E-1
1E-2
V = 0.95 V
R = 600 m
T max.:
j
t0
d
Ω
V
(V)
TM
Tj = max
T = 25 °C
j
Maximum values
P0109DA
Characteristics (curves)
DS13154 - Rev 2
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com