Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0109DA Datasheet(PDF) 4 Page - STMicroelectronics

Part # P0109DA
Description  0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109DA Datasheet(HTML) 4 Page - STMicroelectronics

  P0109DA Datasheet HTML 1Page - STMicroelectronics P0109DA Datasheet HTML 2Page - STMicroelectronics P0109DA Datasheet HTML 3Page - STMicroelectronics P0109DA Datasheet HTML 4Page - STMicroelectronics P0109DA Datasheet HTML 5Page - STMicroelectronics P0109DA Datasheet HTML 6Page - STMicroelectronics P0109DA Datasheet HTML 7Page - STMicroelectronics P0109DA Datasheet HTML 8Page - STMicroelectronics P0109DA Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1.1
Characteristics (curves)
Figure 1. Maximum power dissipation versus on-state
RMS current (full cycle)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P(W)
α = 180°
360°
α
I
(A)
T(AV)
Figure 2. Average and DC on-state current versus lead
temperature
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
I
(A)
T(AV)
T
(°C)
lead
α = 180° (TO-92)
D.C. (TO-92)
Figure 3. Average and DC on-state current versus ambient
temperature
0
2 5
5 0
7 5
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
I
(A)
T(AV)
T
(°C)
amb
α = 180° (TO-92)
D.C. (TO-92)
Figure 4. Relative variation of thermal impedance versus
pulse duration
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z
/R
th(j-a)
th(j-a) ]
t (s)
p
TO-92
Figure 5. Relative variation of holding current versus
gate-cathode resistance
1E-2
1E-1
1E+0
1E+1
0
2
4
6
8
10
12
14
16
18
20
R
( k )
GK
Ω
I [ R
] / I [
H
GK
H RGK = 1 kΩ]
Tj = 25°C
Typical values
Figure 6. Relative variation of gate voltage and gate,
holding and latching current versus junction temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-40
-20
0
20
40
60
80
100
120
140
IGT, V GT, I H, I L[Tj ] / IGT, V GT, I H, I L[Tj =25 ° C]
IH and IL
(RGK =1 KΩ)
VGT
IGT
T (°C)
j
Relative variations
Typical values
P0109DA
Characteristics (curves)
DS13154 - Rev 2
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com