Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS5D0N03C Datasheet (PDF) - ON Semiconductor

NTLJS5D0N03C Datasheet PDF - ON Semiconductor
Part # NTLJS5D0N03C
Download  NTLJS5D0N03C Download
File Size   331.29 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, WDFN6 30 V, 4.38 m, 18.8 A

NTLJS5D0N03C Datasheet (PDF)

Go To PDF Page Download Datasheet
NTLJS5D0N03C Datasheet PDF - ON Semiconductor

Part # NTLJS5D0N03C
Download  NTLJS5D0N03C Click to download

File Size   331.29 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, WDFN6 30 V, 4.38 m, 18.8 A

NTLJS5D0N03C Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTLJS5D0N03C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJS1102PTAG ONSEMI-NTLJS1102PTAG Datasheet
119Kb / 7P
Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJS1102PTBG ONSEMI-NTLJS1102PTBG Datasheet
119Kb / 7P
Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJS14D0P03P8Z ONSEMI-NTLJS14D0P03P8Z Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
NTLJS14D0P03P8ZTAG ONSEMI-NTLJS14D0P03P8ZTAG Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
More results


Similar Description - NTLJS5D0N03C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7664 FAIRCHILD-FDMC7664 Datasheet
251Kb / 7P
N-Channel PowerTrench짰 MOSFET 30 V, 18.8 A, 4.2 m
logo
ON Semiconductor
NTLJS3D9N03C ONSEMI-NTLJS3D9N03C Datasheet
253Kb / 5P
MOSFET - Power, Single N-Channel, WDFN6 30 V, 4.9 - 18.9 m, 17.2 A
March, 2020 ??Rev. 0
NTTFS6H860NL ONSEMI-NTTFS6H860NL Datasheet
138Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 20 m, 30 A
March, 2020 ??Rev. 0
NTLJS17D0P03P8Z ONSEMI-NTLJS17D0P03P8Z Datasheet
332Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -30 V
May, 2020-Rev. P4
NTLJS3D0N02P8Z ONSEMI-NTLJS3D0N02P8Z Datasheet
330Kb / 6P
MOSFET - Power, Single N-Channel, WDFN6 20 V
January, 2020-Rev. 2
NTLJS4D9N03H ONSEMI-NTLJS4D9N03H Datasheet
337Kb / 7P
MOSFET - Power, Single N-Channel, WDFN6 30 V, 6.1 m, 15.9 A
May, 2020-Rev. P3
NTMYS020N08LH ONSEMI-NTMYS020N08LH Datasheet
280Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020-Rev. 0
NVMYS020N08LH ONSEMI-NVMYS020N08LH Datasheet
281Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020 - Rev. 0
NVLJWS013N03CL ONSEMI-NVLJWS013N03CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 13 m, 35 A
June, 2022 - Rev. 1
NVLJWS5D0N03CL ONSEMI-NVLJWS5D0N03CL Datasheet
169Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 4.2 m, 77 A
June, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com