Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS1102P Datasheet (PDF) - ON Semiconductor

NTLJS1102P Datasheet PDF - ON Semiconductor
Part # NTLJS1102P
Download  NTLJS1102P Download
File Size   119.3 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package

NTLJS1102P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTLJS1102P Datasheet PDF - ON Semiconductor

Part # NTLJS1102P
Download  NTLJS1102P Click to download

File Size   119.3 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package

NTLJS1102P Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTLJS1102P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS14D0P03P8Z ONSEMI-NTLJS14D0P03P8Z Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
NTLJS14D0P03P8ZTAG ONSEMI-NTLJS14D0P03P8ZTAG Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
NTLJS17D0P03P8Z ONSEMI-NTLJS17D0P03P8Z Datasheet
332Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -30 V
May, 2020-Rev. P4
NTLJS17D0P03P8ZTAG ONSEMI-NTLJS17D0P03P8ZTAG Datasheet
332Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -30 V
May, 2020-Rev. P4
More results


Similar Description - NTLJS1102P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLJD4150P ONSEMI-NTLJD4150P_07 Datasheet
81Kb / 7P
Power MOSFET -30 V, -3.4 A, uCool TM Dual P-Channel,2x2 mm WDFN Package
January, 2007 ??Rev. 0
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLUS3192PZ ONSEMI-NTLUS3192PZ Datasheet
159Kb / 6P
Power MOSFET ??0 V, ??.2 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
May, 2009 ??Rev. P3
NTLUS4195PZ ONSEMI-NTLUS4195PZ Datasheet
180Kb / 6P
Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
June, 2009 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTLUS3A18PZ ONSEMI-NTLUS3A18PZ Datasheet
153Kb / 6P
??0 V, ??.2 A, Single P?묬hannel, 2.0x2.0x0.55 mm Cool UDFN Package
July, 2012 ??Rev. 3
NTLUD3A260PZTAG ONSEMI-NTLUD3A260PZTAG Datasheet
112Kb / 6P
Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com