Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS1102P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLJS1102P
Description  Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS1102P Datasheet(HTML) 2 Page - ON Semiconductor

  NTLJS1102P Datasheet HTML 1Page - ON Semiconductor NTLJS1102P Datasheet HTML 2Page - ON Semiconductor NTLJS1102P Datasheet HTML 3Page - ON Semiconductor NTLJS1102P Datasheet HTML 4Page - ON Semiconductor NTLJS1102P Datasheet HTML 5Page - ON Semiconductor NTLJS1102P Datasheet HTML 6Page - ON Semiconductor NTLJS1102P Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTLJS1102P
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 3)
RqJA
65
°C/W
Junction−to−Ambient – t v 5 s (Note 3)
RqJA
38
Junction−to−Ambient – Steady State min Pad (Note 4)
RqJA
180
3. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface−mounted on FR4 board using the minimum recommended pad size (Cu area = 30 mm2 [2 oz] including traces).
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−8.0
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = −250 mA, Ref to 25°C
−7.2
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −8V
TJ = 25°C
−1.0
mA
TJ = 85°C
−10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±6V
±0.1
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.29
−0.72
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
2.7
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −6.2 A
25
36
mW
VGS = −4.5 V, ID = −3.0 A
25
36
VGS = −2.5 V, ID = −5.5 A
34
45
VGS = −2.5 V, ID = −3.0 A
34
45
VGS = −1.8 V, ID = −3.0 A
45
68
VGS = −1.5 V, ID = −1.0 A
55
90
VGS = −1.2 V, ID = −0.2 A
80
300
Forward Transconductance
gFS
VDS = −4 V, ID = −6.2 A
14.3
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = −4 V
1585
pF
Output Capacitance
COSS
350
Reverse Transfer Capacitance
CRSS
185
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = − 4 V;
ID = −6.2 A
15.7
25
nC
Threshold Gate Charge
QG(TH)
0.8
Gate−to−Source Charge
QGS
1.9
Gate−to−Drain Charge
QGD
3.3
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 6)
Turn−On Delay Time
tD(ON)
VGS = −4.5 V, VDS = −4 V,
ID = −6.2 A, RG = 1 W
8.0
ns
Rise Time
tr
41
Turn−Off Delay Time
td(OFF)
80
Fall Time
tf
70
5. Pulse Test: pulse width v 300 ms, duty cycle v 2%
6. Switching characteristics are independent of operating junction temperatures



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com