Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS1102P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLJS1102P
Description  Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS1102P Datasheet(HTML) 1 Page - ON Semiconductor

  NTLJS1102P Datasheet HTML 1Page - ON Semiconductor NTLJS1102P Datasheet HTML 2Page - ON Semiconductor NTLJS1102P Datasheet HTML 3Page - ON Semiconductor NTLJS1102P Datasheet HTML 4Page - ON Semiconductor NTLJS1102P Datasheet HTML 5Page - ON Semiconductor NTLJS1102P Datasheet HTML 6Page - ON Semiconductor NTLJS1102P Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2008
November, 2008 − Rev. 0
1
Publication Order Number:
NTLJS1102P/D
NTLJS1102P
Power MOSFET
−8 V, −8.1 A, mCOOL] Single P−Channel,
2x2 mm, WDFN package
Features
• WDFN Package with Exposed Drain Pad for Excellent Thermal
Conduction
• Lowest RDS(on) in 2 x 2 mm Package
• 1.2 V RDS(on) Rating for Operation at Low Voltage Logic Level Gate
Drive
• 2 x 2 mm Footprint Same as SC−88 Package
• Low Profile (<0.8 mm) for Easy Fit in Thin Environments
• This is a Halide−Free Device
• This is a Pb−Free Device
Applications
• High Side Load Switch
• Li Ion Battery Linear Mode Charging
• Optimized for Battery and Load Management Applications in
Portable Equipment
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−8
V
Gate−to−Source Voltage
VGS
± 6
V
Continuous
Drain Current
(Note 1)
Steady
State
TA = 25°C
ID
−6.2
A
TA = 85°C
−4.5
t v 5 s
TA = 25°C
−8.1
Power
Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.9
W
t v 5 s
3.3
Continuous
Drain Current
(Note 2)
Steady
State
TA = 25°C
ID
−3.7
A
TA = 85°C
−2.7
Power
Dissipation
(Note 2)
TA = 25°C
PD
0.7
W
Pulsed Drain Current
tp = 10 ms
IDM
−30
A
Operating Junction and Storage
Temperature
TJ, TSTG
−55 to
150
°C
Source Current (Body Diode) (Note 2)
IS
−5.5
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
1. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq
[2 oz] including traces).
2. Surface−mounted on FR4 board using the minimum recommended pad size
(Cu area = 30 mm2 [2 oz] including traces).
http://onsemi.com
−8.0 V
45 mW @ −2.5 V
36 mW @ −4.5 V
RDS(on) MAX
−3.0 A
ID MAX
V(BR)DSS
68 mW @ −1.8 V
90 mW @ −1.5 V
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
G
S
P−CHANNEL MOSFET
D
J6 = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
J6MG
G
1
2
3
6
5
4
WDFN6
CASE 506AP
MARKING
DIAGRAM
1
2
3
6
5
4
D
D
G
D
D
S
(Top View)
PIN CONNECTIONS
D
S
S
D
Pin 1
300 mW @ −1.2 V
−5.5 A
−6.2 A
−1.0 A
−0.2 A


Similar Part No. - NTLJS1102P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS14D0P03P8Z ONSEMI-NTLJS14D0P03P8Z Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
NTLJS14D0P03P8ZTAG ONSEMI-NTLJS14D0P03P8ZTAG Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
NTLJS17D0P03P8Z ONSEMI-NTLJS17D0P03P8Z Datasheet
332Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -30 V
May, 2020-Rev. P4
NTLJS17D0P03P8ZTAG ONSEMI-NTLJS17D0P03P8ZTAG Datasheet
332Kb / 6P
MOSFET - Power, Single P-Channel, WDFN6 -30 V
May, 2020-Rev. P4
More results

Similar Description - NTLJS1102P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLJD4150P ONSEMI-NTLJD4150P_07 Datasheet
81Kb / 7P
Power MOSFET -30 V, -3.4 A, uCool TM Dual P-Channel,2x2 mm WDFN Package
January, 2007 ??Rev. 0
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLUS3192PZ ONSEMI-NTLUS3192PZ Datasheet
159Kb / 6P
Power MOSFET ??0 V, ??.2 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
May, 2009 ??Rev. P3
NTLUS4195PZ ONSEMI-NTLUS4195PZ Datasheet
180Kb / 6P
Power MOSFET ??0 V, ??.0 A, Cool Single P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
June, 2009 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTLUS3A18PZ ONSEMI-NTLUS3A18PZ Datasheet
153Kb / 6P
??0 V, ??.2 A, Single P?묬hannel, 2.0x2.0x0.55 mm Cool UDFN Package
July, 2012 ??Rev. 3
NTLUD3A260PZTAG ONSEMI-NTLUD3A260PZTAG Datasheet
112Kb / 6P
Power MOSFET ??0 V, ??.1 A,Cool Dual P?묬hannel, ESD, 1.6x1.6x0.55 mm UDFN Package
September, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com