Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS1102P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLJS1102P
Description  Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS1102P Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJS1102P Datasheet HTML 1Page - ON Semiconductor NTLJS1102P Datasheet HTML 2Page - ON Semiconductor NTLJS1102P Datasheet HTML 3Page - ON Semiconductor NTLJS1102P Datasheet HTML 4Page - ON Semiconductor NTLJS1102P Datasheet HTML 5Page - ON Semiconductor NTLJS1102P Datasheet HTML 6Page - ON Semiconductor NTLJS1102P Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTLJS1102P
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−VGS, GATE−TO−SOURCE VOLTAGE (V)
4.5
3.5
3.0
2.5
2.0
1.0
0.5
0
0
5
10
15
20
25
30
2.25
1.75
1.5
1.0
0.75
0.5
0.25
0
0
5
10
15
20
25
30
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−VGS, GATE VOLTAGE (V)
ID, DRAIN CURRENT (A)
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.02
0.06
0.08
0.10
0.14
0.16
0.20
20
16
12
8
4
0
0
0.02
0.04
0.06
0.12
0.14
0.18
0.20
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
125
100
75
50
25
0
−25
−50
0.7
0.8
0.9
1.0
1.2
1.3
1.4
1.5
8
7
6
5
4
3
2
1
100
1,000
10,000
100,000
1.5
4.0
5.0
VGS = −1.2 V
−1.5 V
−1.8 V
−2.0 V
−2.5 V
−4.5 V
1.25
2.0
2.5
VDS = −5 V
TJ = 25°C
TJ = 125°C
TJ = −55°C
3.5
4.5
0.04
0.12
0.18
TJ = 25°C
ID = −0.2 A
ID = −6.2 A
0.08
0.10
0.16
VGS = −4.5 V
−1.8 V
TJ = 25°C
−1.2 V
−1.5 V
−2.5 V
150
1.1
VGS = −4.5 V
ID = −6.2 A
TJ = 125°C
TJ = 150°C
TJ = 85°C
18
14
10
6
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com