Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS1102P Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLJS1102P
Description  Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS1102P Datasheet(HTML) 3 Page - ON Semiconductor

  NTLJS1102P Datasheet HTML 1Page - ON Semiconductor NTLJS1102P Datasheet HTML 2Page - ON Semiconductor NTLJS1102P Datasheet HTML 3Page - ON Semiconductor NTLJS1102P Datasheet HTML 4Page - ON Semiconductor NTLJS1102P Datasheet HTML 5Page - ON Semiconductor NTLJS1102P Datasheet HTML 6Page - ON Semiconductor NTLJS1102P Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTLJS1102P
http://onsemi.com
3
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Unit
Max
Typ
Min
Test Condition
Symbol
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 6)
Turn−On Delay Time
tD(ON)
VGS = −4.5 V, VDS = −4 V,
ID = −8.1 A, RG = 1 W
8.0
ns
Rise Time
tr
19
Turn−Off Delay Time
td(OFF)
78
Fall Time
tf
50
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −1.0 A
TJ = 25°C
−0.6
−1.0
V
TJ = 85°C
−0.58
Reverse Recovery Time
tRR
VGS = 0 V, dISD/dt = 100 A/ms,
IS = −1.0 A
55
85
ns
Charge Time
ta
18
Discharge Time
tb
37
Reverse Recovery Charge
QRR
39
nC
5. Pulse Test: pulse width v 300 ms, duty cycle v 2%
6. Switching characteristics are independent of operating junction temperatures
ORDERING INFORMATION
Device
Package
Shipping†
NTLJS1102PTBG
WDFN6
(Pb−Free)
3000 / Tape & Reel
NTLJS1102PTAG
WDFN6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com