Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFD5877NL Datasheet (PDF) - ON Semiconductor

NTMFD5877NL Datasheet PDF - ON Semiconductor
Part # NTMFD5877NL
Download  NTMFD5877NL Download
File Size   224.1 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A

NTMFD5877NL Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFD5877NL Datasheet PDF - ON Semiconductor

Part # NTMFD5877NL
Download  NTMFD5877NL Click to download

File Size   224.1 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A

NTMFD5877NL Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMFD5877NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD5C446NL ONSEMI-NTMFD5C446NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual, N-Channel 40 V, 2.65 m, 145 A
May, 2019 ??Rev. 0
NTMFD5C446NLT1G ONSEMI-NTMFD5C446NLT1G Datasheet
231Kb / 7P
MOSFET ??Power, Dual, N-Channel 40 V, 2.65 m, 145 A
May, 2019 ??Rev. 0
NTMFD5C462NL ONSEMI-NTMFD5C462NL Datasheet
219Kb / 7P
Power MOSFET 40 V, 4.7 m, 84 A, Dual N?묬hannel
August, 2017 ??Rev. P3
NTMFD5C462NLT1G ONSEMI-NTMFD5C462NLT1G Datasheet
219Kb / 7P
Power MOSFET 40 V, 4.7 m, 84 A, Dual N?묬hannel
August, 2017 ??Rev. P3
NTMFD5C466N ONSEMI-NTMFD5C466N Datasheet
218Kb / 7P
Power MOSFET 40 V, 8.1 m, 49 A, Dual N?묬hannel
October, 2018 ??Rev. 0
More results


Similar Description - NTMFD5877NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5877NLT1G ONSEMI-NVMFD5877NLT1G Datasheet
124Kb / 6P
60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
November, 2013 ??Rev. 8
logo
NXP Semiconductors
BUK9K12-60E PHILIPS-BUK9K12-60E_15 Datasheet
287Kb / 13P
Dual N-channel 60 V, 11.5 m logic level MOSFET
8 May 2014
BUK9K17-60E PHILIPS-BUK9K17-60E_15 Datasheet
324Kb / 13P
Dual N-channel 60 V, 17 m logic level MOSFET
19 March 2014
BUK9K35-60E PHILIPS-BUK9K35-60E_15 Datasheet
253Kb / 13P
Dual N-channel 60 V, 35 m廓 logic level MOSFET
12 November 2014
BUK9K52-60E PHILIPS-BUK9K52-60E_15 Datasheet
259Kb / 13P
Dual N-channel 60 V, 55 m logic level MOSFET
24 February 2015
logo
Nexperia B.V. All right...
BUK9K17-60E NEXPERIA-BUK9K17-60E Datasheet
750Kb / 13P
Dual N-channel 60 V, 17 m廓 logic level MOSFET
logo
ON Semiconductor
NTMFD016N06C ONSEMI-NTMFD016N06C Datasheet
225Kb / 8P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD030N06C ONSEMI-NTMFD030N06C Datasheet
252Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com