Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFD030N06C Datasheet (PDF) - ON Semiconductor

NTMFD030N06C Datasheet PDF - ON Semiconductor
Part # NTMFD030N06C
Download  NTMFD030N06C Download
File Size   252.45 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A

NTMFD030N06C Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFD030N06C Datasheet PDF - ON Semiconductor

Part # NTMFD030N06C
Download  NTMFD030N06C Click to download

File Size   252.45 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A

NTMFD030N06C Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMFD030N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD001N03P9 ONSEMI-NTMFD001N03P9 Datasheet
434Kb / 12P
MOSFET - Power, Dual, N-Channel, Power Clip, Trench, Asymmetric 30V
March, 2021 - Rev. 4
NTMFD016N06C ONSEMI-NTMFD016N06C Datasheet
225Kb / 8P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0
NTMFD016N06CT1G ONSEMI-NTMFD016N06CT1G Datasheet
225Kb / 8P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD020N06CT1G ONSEMI-NTMFD020N06CT1G Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
More results


Similar Description - NTMFD030N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5877NLT1G ONSEMI-NVMFD5877NLT1G Datasheet
124Kb / 6P
60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
November, 2013 ??Rev. 8
NTMFD4C86N ONSEMI-NTMFD4C86N Datasheet
133Kb / 12P
Dual N-Channel SO8FL
July, 2015 ??Rev. 1
NTMFD016N06C ONSEMI-NTMFD016N06C Datasheet
225Kb / 8P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD5877NL ONSEMI-NTMFD5877NL Datasheet
224Kb / 8P
MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0
NTMFS020N06C ONSEMI-NTMFS020N06C Datasheet
185Kb / 7P
MOSFET- Power, Single N-Channel, SO8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NTTFS030N06C ONSEMI-NTTFS030N06C Datasheet
212Kb / 7P
MOSFET - Power, Single N-Channel, 8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 1
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NVMFD030N06C ONSEMI-NVMFD030N06C Datasheet
253Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO-8FL 60 V, 29.7 m, 19 A
January, 2020?뭃ev. 0
NVTFS030N06C ONSEMI-NVTFS030N06C Datasheet
281Kb / 8P
MOSFET - Power, Single N-Channel, 8FL 60 V, 29.7 m, 19 A
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com